Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 71 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 71 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 75Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
ADT7462
http://onsemi.com
71
Table 64. Register 0x31 — Thermal Mask Register 2 (Note 1)
Bit
Name
R/W
Description
0
THERM1 %
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 0.
1
THERM1 Assert
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 0.
2
THERM1 State
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 0.
3
THERM2 %
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 0.
4
THERM2 Assert
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 0.
5
THERM2 State
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 0.
6
VRD1_Assert
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 1.
7
VRD2_Assert
R/W
1 masks ALERTs for the corresponding interrupt status bit. Default = 1.
1. POR = 0xC0, Lock = N, SW Reset = Y.
Table 65. Register 0x32 — Voltage Mask Register 1 (Note 1)
Bit
Name
R/W
Description
0
+12V1
R/W
1 masks ALERTs for the corresponding interrupt status bit.
1
+12V2
R/W
1 masks ALERTs for the corresponding interrupt status bit.
2
+12V3
R/W
1 masks ALERTs for the corresponding interrupt status bit.
3
+3.3V
R/W
1 masks ALERTs for the corresponding interrupt status bit.
4
Pin 15 Voltage
R/W
1 masks ALERTs for the corresponding interrupt status bit.
5
Pin 19 Voltage
R/W
1 masks ALERTs for the corresponding interrupt status bit.
6
+5V
R/W
1 masks ALERTs for the corresponding interrupt status bit.
7
Pin 23 Voltage
R/W
1 masks ALERTs for the corresponding interrupt status bit.
1. POR = 0x00, Lock = N, SW Reset = Y.
Table 66. Register 0x33 — Voltage Mask Register 2 (Note 1)
Bit
Name
R/W
Description
[2:0]
Reserved
R/W
Reserved for future use.
3
Pin 24 Voltage
R/W
1 masks ALERTs for the corresponding interrupt status bit.
4
Pin 25 Voltage
R/W
1 masks ALERTs for the corresponding interrupt status bit.
5
Pin 26 Voltage
R/W
1 masks ALERTs for the corresponding interrupt status bit.
6
+1.5V2 (3GIO)
R/W
1 masks ALERTs for the corresponding interrupt status bit.
7
+1.5V1 (ICH)
R/W
1 masks ALERTs for the corresponding interrupt status bit.
1. POR = 0x00, Lock = N, SW Reset = Y.
Table 67. Register 0x34 — Fan Mask Register (Note 1)
Bit
Name
R/W
Description
0
Fan 1 Fault
R/W
1 masks ALERTs for the corresponding interrupt status bit.
1
Fan 2 Fault
R/W
1 masks ALERTs for the corresponding interrupt status bit.
2
Fan 3 Fault
R/W
1 masks ALERTs for the corresponding interrupt status bit.
3
Fan 4 Fault
R/W
1 masks ALERTs for the corresponding interrupt status bit.
4
Fan 5 Fault
R/W
1 masks ALERTs for the corresponding interrupt status bit.
5
Fan 6 Fault
R/W
1 masks ALERTs for the corresponding interrupt status bit.
6
Fan 7 Fault
R/W
1 masks ALERTs for the corresponding interrupt status bit.
7
Fan 8 Fault
R/W
1 masks ALERTs for the corresponding interrupt status bit.
1. POR = 0x00, Lock = N, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com