Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 19 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 81 page
background image
ADT7462
http://onsemi.com
19
constant current. Unfortunately, this technique requires
calibration to cancel the effect of the absolute value of VBE,
which varies from device to device.
The technique used in the ADT7462 is to measure the
change in VBE when the device is operated at three different
currents. Previous devices have used only two operating
currents; use of a third current allows automatic cancellation
of any resistances in series with the external temperature
sensor.
Figure 33 shows the input signal conditioning used to
measure the output of an external temperature sensor. This
figure shows the external sensor as a substrate transistor, but
it could equally be a discrete transistor. If a discrete
transistor is used, the collector is not grounded and should
be linked to the base. To prevent ground noise from
interfering with the measurement, the more negative
terminal of the sensor is not referenced to ground but is
biased above ground by an internal diode at the D− input. C1
can optionally be added as a noise filter (recommended
maximum value 1000 pF). However, a better option in noisy
environments is to add a filter, as described in the Noise
Filtering section.
To measure
DVBE, the operating current through the
sensor is switched among three related currents. As shown
in Figure 33, N1
× I and N2 × I are different multiples of the
Current I. The currents through the temperature diode are
switched between I and N1
× I, giving DVBE1, and then
between I and N2
× I, giving DVBE2. The temperature can
then be calculated using the two
DVBE measurements. This
method can also be shown to cancel the effect of any series
resistance on the temperature measurement.
The resulting
DVBE waveforms are passed through a
65 kHz low−pass filter to remove noise and then to a
chopper−stabilized amplifier. This amplifies and rectifies
the waveform to produce a dc voltage proportional to
DVBE.
The ADC digitizes this voltage, and a temperature
measurement is produced. To reduce the effects of noise,
digital filtering is performed by averaging the results of 16
measurement cycles for low conversion rates.
Signal conditioning and measurement of the internal
temperature sensor are performed in the same manner (see
Figure 33).
Temperature Measurement Results
The results of the local and remote temperature
measurements are stored in the local and remote temperature
value registers and are compared with limits programmed
into the local and remote high and low limit registers.
Table 8. Temperature Measurement Registers
Temperature Value
Register Address
Local Temperature, LSB
Register 0x88, Bits [7:6]
Local Temperature, MSB
Register 0x89
Remote 1 Temperature, LSB
Register 0x8A, Bits [7:6]
Remote 1 Temperature, MSB
Register 0x8B
Remote 2 Temperature, LSB
Register 0x8C, Bits [7:6]
Remote 2 Temperature, MSB
Register 0x8D
Remote 3 Temperature, LSB
Register 0x8E, Bits [7:6]
Remote 3 Temperature, MSB
Register 0x8F
Figure 33. Input Signal Conditioning
C1*
D+
BIAS
DIODE
*CAPACITOR C1 IS OPTIONAL. IT SHOULD ONLY BE USED IN NOISY ENVIRONMENTS.
VCC
TO ADC
VOUT+
VOUT–
REMOTE
SENSING
TRANSISTOR
D–
I
N1 y I
N2 y I
IBIAS
LOW−PASS FILTER
fC = 65kHz
The temperature value is stored in two registers. The MSB
has a resolution of 1
°C. Only two bits in the temperature
LSB register are used, Bit 7 and Bit 6, giving a temperature
measurement resolution of 0.25
°C. The temperature
measurement range for both local and remote measurements
is from −64
°C to +191°C. However, the ADT7462 itself
should never be operated outside its operating temperature
range, which is from −40
°C to +125°C. For the remote
diode, the user should refer to the data sheet of the diode.
Table 9. Temperature Data Format
Temperature Value
MSB
LSB
−64°C
0000 0000
0000 0000
−50.25°C
0000 1110
0100 0000
−25°C
0010 0111
0000 0000
0°C
0100 0000
0000 0000
+25°C
0101 1001
0000 0000
+50.25°C
0111 0010
0100 0000
+100°C
1010 0100
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com