Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 74 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 74 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 76Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 77Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 78Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 81 page
background image
ADT7462
http://onsemi.com
74
Table 77. Register 0x55 — Remote 2/Remote 3 Temperature Hysteresis (Note 1)
Bit
Name
R/W
Description
[3:0]
Remote 3
Hysteresis
R/W
These four bits set the Remote 3 THERM hysteresis value, 1 LSB = 1°C.
[7:4]
Remote 2
Hysteresis
R/W
These four bits set the Remote 2 THERM hysteresis value, 1 LSB = 1°C.
0000 = 0°C
0001 = 1°C
0010 = 2°C
0011 = 3°C
0100 = 4°C (default)
0101 = 5°C
0110 = 6°C
0111 = 7°C
1000 = 8°C
1001 = 9°C
1010 = 10°C
1011 = 11°C
1100 = 12°C
1101 = 13°C
1110 = 14°C
1111 = 15°C
1. POR = 0x44, Lock = Y, SW Reset = N.
Table 78. Offset Registers (Note 1)
Register Address
R/W
Description
POR Default
0x56
R/W
Local offset, resolution = 0.5°C.
0x00
0x57
R/W
Remote 1 offset, resolution = 0.5°C.
0x00
0x58
R/W
Remote 2 offset, resolution = 0.5°C.
0x00
0x59
R/W
Remote 3 offset, resolution = 0.5°C.
0x00
1. Lock = Y, SW Reset = N.
Table 79. Operating Point Registers (Note 1)
Register Address
R/W
Description
POR Default
0x5A
R/W
Remote 1 operating point.
0xA4
0x5B
R/W
Remote 2 operating point.
0xA4
1. Lock = Y, SW Reset = Y.
Table 80. Timing Registers (Note 1)
Register Address
R/W
Description
POR Default
0x5C
R/W
Local temperature TMIN.
0x9A
0x5D
R/W
Remote 1 temperature TMIN.
0x9A
0x5E
R/W
Remote 2 temperature TMIN.
0x9A
0x5F
R/W
Remote 3 temperature TMIN.
0x9A
1. Lock = Y, SW Reset = Y.
Table 81. TRANGE/Hysteresis Registers (Note 1)
Register Address
R/W
Description
POR Default
0x60
R/W
Local TRANGE/Hysteresis
0xC4
0x61
R/W
Remote 1 TRANGE/Hysteresis
0xC4
0x62
R/W
Remote 2 TRANGE/Hysteresis
0xC4
0x63
R/W
Remote 3 TRANGE/Hysteresis
0xC4
1. Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com