Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
ADT7462
http://onsemi.com
22
Table 11. Voltage Inputs
Pin
Voltage Measured
7
+12V1
8
+12V2
13
+3.3V
15
+2.5V / +1.8V
19
+1.25V / +0.9V
21
+5V
22
+12V3
23
VCCP1 / +1.5V / +1.8V / +2.5V
24
VCCP2 / +1.5V / +1.8V / +2.5V
25
+1.2V1 (GBIT) / +3.3V
26
+1.2V2 (FSB_VTT) / VBATT
28
+1.5V1 (ICH)
29
+1.5V2 (3GIO)
Input Circuit
The internal structure for the voltage inputs is shown in
Figure 36. Each input circuit consists of an input protection
diode, an attenuator, plus a capacitor to form a first−order,
low−pass filter that gives the input immunity to high
frequency noise.
Voltages with full−scale values greater than the reference
are divided so that the full−scale value equals the reference
(2.25 V). All analog inputs are multiplexed into the on−chip,
successive approximation ADC. This ADC has a resolution
of ten bits. The basic input range is from 0 V to 2.25 V, but
the inputs have built−in attenuators to allow measurement of
larger and smaller voltages. To allow a tolerance for these
voltages, the ADC produces an output of 3/4 full scale
(decimal 768 or 0x300) for the nominal input voltage and so
has enough headroom to cope with overvoltages.
A list of corresponding LSB and full−scale values for each
input voltage is shown in Table 12.
Table 12. Input Range Code Conversion
Nominal Input
Voltage (3/4 Scale)
Pin No.
1 LSB
Value
Full
Scale
+12V
7, 8, 22
0.0625
16 V
+5V
21
0.026
6.67 V
VCCP1, VCCP2
23, 24
0.00625
1.6 V
VCCP1, when VIDs
are enabled
23
0.0125
3.2 V
+3.3V
13, 25
0.0172
4.4 V
VBATT
26
0.0156
4.0 V
+2.5V
15, 23, 24
0.013
3.33 V
+1.8V
15, 23, 24
0.0094
2.4 V
+1.5V
23, 24, 28, 29
0.0078
2.0 V
+1.25V
19
0.0065
1.667 V
+1.2V
25, 26
0.00625
1.6 V
+0.9V
19
0.00469
1.2 V
Figure 36. Voltage Input Structures
0.9V
8kΩ
92kΩ
35pF
1.25V
30kΩ
72kΩ
10pF
32kΩ
77kΩ
10pF
51kΩ
66kΩ
8pF
1.8V
8kΩ
91kΩ
35pF
2.5V
30kΩ
72kΩ
10pF
3.3V
68kΩ
71kΩ
5pF
5V
76kΩ
39kΩ
5pF
12V
100kΩ
16kΩ
5pF
MUX
GBIT,
FSB_VTT,
VCCP1,
VCCP2
ICH,
3GIO,
1.5V
Example Calculations
Given the LSB value for each channel, the corresponding
code for each voltage (or vice versa) can be calculated.
Code +
Voltage
1LSB
Example:
The code for 1.8 V in a 1.8 V channel is:
Code + 1.8
0.0094 +
192 (that is, 3 4scale)
Similarly, the voltage, given the code in a particular
channel, is calculated as follows:
Voltage + Code
1LSB
where:
10 V is connected to the 12 V channel.
1 LSB = 0.0625.
Code = 160 decimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com