Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 9 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
ADT7462
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 15. Local Temperature vs. Power−On Reset
Timeout
Figure 16. Applied Voltage vs. VBATT Reading
Figure 17. TACH Accuracy vs. Supply Voltage
Figure 18. TACH Accuracy vs. Temperature
1.5
–2.0
–50
150
TEMPERATURE (5C)
1.0
0.5
–1.0
–1.5
050
100
DEV1
DEV2
DEV3
0
–0.5
5.0
0
2.9
3.4
3.9
4.4
4.9
5.4
SUPPLY (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
DEV1
DEV2
DEV3
3.0
0
0
3.0
VBATT READING (V)
2.5
0.5
1.0
1.5
2.0
2.5
DEV1
DEV2
DEV3
2.0
1.5
1.0
0.5
0.200
0.180
–50
150
TIMEOUT (Seconds)
0.198
0.196
0.194
0.192
0.190
0.188
0.186
0.184
0.182
050
100
POWERUP
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com