Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 53 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 53 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
ADT7462
http://onsemi.com
53
5. PWM3 is switched off by default (because this is a
dedicated pin). If no SMBus communication takes
place within 4.6 seconds of the VCCP rail
switching on, this PWM drive is driven to full
speed. If SMBus communication does take place,
this pin behaves as programmed.
6. No temperature or voltage (other than VCCP1,
Diode 2, and VBATT) is monitored until the setup
complete bit (Bit 5) is set in Configuration
Register 1 (0x01). This allows the user to program
the ADT7462 as required before monitoring of all
channels is enabled, thereby not generating false
ALERTs. The setup complete bit should not be set
until the device is fully configured for the desired
monitoring functions.
The following steps describe how to set up the ADT7462:
1. Powerup the device.
2. Choose the best−suited easy configuration option
for the application, changing pin functions as
required.
3. Program all appropriate limits for monitored
inputs. Program device parameters, fan control
parameters, mask bits, and anything else required
for the application.
4. Set the setup complete bit. Do not set this bit until
the device is fully set up.
XOR Tree Test
The ADT7462 includes an XOR tree test mode. This
mode is useful for in−circuit test equipment at board−level
testing. By applying stimulus to the pins included in the
XOR test, it is possible to detect opens or shorts on the
system board. Figure 86 shows the signals exercised in the
XOR tree test. The XOR tree test is invoked by setting Bit 6
(XOR) of Configuration Register 3 (0x03).
Note that the digital inputs must be selected on
multifunctional pins for the XOR tree test mode. Pin 13 is the
open−drain output of the XOR tree test.
Figure 86. XOR Tree Test
PIN 1
PIN 26
PIN 27
PIN 28
PIN 29
PIN 31
PIN 32
PIN 13
PIN 25
PIN 2
PIN 3
PIN 4
PIN 7
PIN 8
PIN 16
PIN 20
PIN 21
PIN 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com