Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 26 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 81 page
background image
ADT7462
http://onsemi.com
26
Status and Mask Registers and ALERT
Status Registers
Each measured temperature and voltage has an associated
high and low limit. The measured values are compared with
these programmable limits. The results of these
comparisons are stored in the status registers. A Logic 0 in
the status register represents an in−limit comparison, while
a Logic 1 represents an out−of−limit comparison.
Once a status bit is set, it remains set until the status
register is read by the SMBus master. Once read, the status
bit is cleared if the error condition has gone away. The status
registers are duplicated to accommodate situations where
there are two SMBus masters. If one master reads the host
status registers and consequently clears them, the second
master has no way of knowing what bits were set and what
bits were cleared. The second SMBus master can read from
the duplicate BMC status registers to determine which status
bits were set.
Table 19 is a list of the status registers and corresponding
addresses.
Table 19. Status Registers
Register Name
Host
Address
BMC
Address
Thermal Status Register 1
0xB8
0xC0
Thermal Status Register 2
0xB9
0xC1
Thermal Status Register 3
0xBA
−
Voltage Status Register 1
0xBB
0xC3
Voltage Status Register 2
0xBC
0xC4
Fan Status Register 1
0xBD
0xC5
Digital Status Register 1
0xBE
0xC6
GPIO Status Register
0xBF
−
ALERT Output
The ADT7462 has an SMBus ALERT output that is
asserted when one of the status bits is set. This is to alert the
master that an out−of−limit measurement has taken place or
that there is a fault on one of the fan channels.
An ALERT is generated as a result of a status bit being set
in any of the registers.
Figure 38. ALERT and Status Bit Behavior
HIGH LIMIT
TEMPERATURE
STICKY STATUS BIT
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
CLEARED ON READ
(TEMP BELOW LIMIT)
SMBALERT
Figure 38 shows how the ALERT output and “sticky”
status bits behave. When a limit is exceeded, the
corresponding status bit is set to 1. The status bit remains set
until the error condition goes away and the status register is
read. The status bits are referred to as sticky because they
remain set until read by software. This ensures that an
out−of−limit event cannot be missed, if software is polling
the device periodically. Note that the ALERT output remains
low for the entire duration that a reading is out of limit and
until the status register has been read.
Mask Registers
The user has the option of masking any of the individual
status bits that generate an ALERT. This is achieved by
setting the appropriate bit in the mask registers. The ALERT
output is not asserted on the setting of a status bit if it has
been masked. The status bit itself is not affected and
continues to be set when an out−of−limit condition exists.
Table 20 is a list of the mask registers and corresponding
addresses.
Table 20. Mask Registers
Register Name
Register Address
Thermal Mask Register 1
0x30
Thermal Mask Register 2
0x31
Voltage Mask Register 1
0x32
Voltage Mask Register 2
0x33
Fan Mask Register
0x34
Digital Mask Register
0x35
GPIO Mask Register
0x36
Fan Control
Fan Drive Using PWM Control
The ADT7462 uses pulse−width modulation (PWM) to
control fan speed. Control relies on varying the duty cycle
(or on/off ratio) of a square wave applied to the fan to vary
the fan speed. The advantage of using PWM control is that
it uses a very simple external circuit. The specific circuit
used depends upon the type of fan.
There are three main fan types in use: 2−wire fans, 3−wire
fans, and 4−wire fans. The 2−wire fan has only power and
ground connections. The 3−wire fan has power and ground
connections and a TACH output to indicate the speed of the
fan. The 4−wire fan has power and ground connections, a
TACH output, and a PWM input. The PWM input is
connected directly to the PWM drive of the ADT7462 and
is used to control the speed of the fans.
For 2−wire and 3−wire fans, the low frequency PWM
drive signal should be selected. For 4−wire fans, the high
frequency PWM drive signal should be selected.
Using the ADT7462 with 2−Wire Fans
Figure 39 shows the most typical circuit used with a
2−wire fan and illustrates how a 2−wire fan can be connected
to the ADT7462. The low frequency PWM mode must be
selected when using a 2−wire fan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com