Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
ADT7462
http://onsemi.com
10
Function Description: Easy Configuration Options
There are a number of multifunctional pins on the
ADT7462 that need to be configured on powerup to suit the
desired application. Note that due to the large number of pins
that need to be configured, it could take several SMBus
transactions to achieve the required configuration. For this
reason, the ADT7462 has five easy configuration options.
The user sets a bit in the easy configuration option register
(0x14) to set up the required configuration (see Table 1).
Table 1. Easy Configuration Register Settings
Easy Configuration Option
Register 0x14 Setting
Option 1
Bit 0 = 1
Option 2
Bit 1 = 1
Option 3
Bit 2 = 1
Option 4
Bit 3 = 1
Option 5
Bit 4 = 1
Once the most convenient easy configuration option has
been set, the user can configure any of the pins individually.
The setup complete bit (Bit 5 of Register 0x01) must then be
set to 1 to indicate that the ADT7462 is configured correctly,
and then monitoring of the selected channels begins.
The following is a detailed description of the five easy
configuration options that are available.
Configuration Option 1
Configuration Option 1 is the default configuration. It is
also the most suitable for thermal monitoring, voltage
monitoring, and fan control for single and dual processor
systems. Features of Configuration Option 1 include the
following:
• One local and three remote temperature channels
• Four PWM drives and eight TACH inputs
• Two THERM I/Os
• Voltage monitoring
• +3.3V
• +2.5V
• +1.8V
• VBATT
• RESET I/O
• CI (chassis intrusion) or FAN2MAX
Figure 19 shows the pin configuration when Configuration
Option 1 is chosen.
Figure 19. Configuration Option 1
PIN 1
INDICATOR
1
TACH1
2
TACH2
3
TACH3
4
TACH4
5
VCC
6
GND
7
TACH5
8
TACH6
24
+2.5V
23
+1.8V
22
TACH8
21
TACH7
20
D3–
19
D3+
18
D2–
17
D2+
ADT7462
TOP VIEW
(Not to Scale)
Table 2. Configuration Option 1
Pin
Function
Configuration Register
Bit Value
1†
TACH1
Pin Configuration Reg 1
Bit 4 = 1
2†
TACH2
Pin Configuration Reg 1
Bit 3 = 1
3†
TACH3
Pin Configuration Reg 1
Bit 2 = 1
4†
TACH4
Pin Configuration Reg 1
Bit 1 = 1
7
TACH5
Pin Configuration Reg 1
Bit 0 = 1
8
TACH6
Pin Configuration Reg 2
Bit 7 = 1
13
PWM4
Pin Configuration Reg 2
Bit 6 = 1
15
D1+
Pin Configuration Reg 1
Bit 6 = 1
16
D1−
Pin Configuration Reg 1
Bit 6 = 1
19
D3+
Pin Configuration Reg 1
Bit 5 = 1
20
D3−
Pin Configuration Reg 1
Bit 5 = 1
21
TACH7
Pin Configuration Reg 2
Bit 3 = 1
22
TACH8
Pin Configuration Reg 2
Bit 2 = 1
23
+1.8V
Pin Configuration Reg 2
Bits [1:0] = 10
24
+2.5V
Pin Configuration Reg 3
Bits [7:6] = 01
25
+3.3V
Pin Configuration Reg 3
Bits [5:4] = 00
26
VBATT
Pin Configuration Reg 3
Bits [3:2] = 00
27
CI
Pin Configuration Reg 3
Bit 1 = 1
28†
THERM1
Pin Configuration Reg 4
Bits [7:6] = 1×
29
THERM2
Pin Configuration Reg 4
Bits [5:4] = 1×
31†
PWM1
Pin Configuration Reg 4
Bit 3 = 1
32†
PWM2
Pin Configuration Reg 4
Bit 2 = 1
†If VIDs are selected, these pins are configured as VIDs. To
enable VIDs, set Bit 7 of Pin Configuration Register 1 (0x10) = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com