Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
ADT7462
http://onsemi.com
7
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 3. Supply Current vs. Supply Voltage
Figure 4. Supply Current vs. Temperature
Figure 5. Local Sensor Temperature Error
Figure 6. Remote Sensor Temperature Error
Figure 7. Temperature Error Measuring Intel
Pentium 4 Processor
Figure 8. ADT7462 Response to Thermal Shock
140
0
0
120
TIME (Seconds)
120
100
80
60
40
20
20
40
60
80
100
INT
EXT1
EXT2
EXT3
5
–4
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (5C)
4
3
2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
MEAN
LO SPEC
HI SPEC
–3
–2
–1
1
0
2
–1
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (5C)
1
0
VCC = 3.3V
VCC = 5.5V
2
–1
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (5C)
1
0
VCC = 5.5V
VCC = 3.3V
0.00144
0.00122
–45
5
55
105
TEMPERATURE (5C)
0.00142
0.00140
0.00138
0.00132
0.00126
0.00124
DEV1
DEV2
DEV3
0.00136
0.00134
0.00130
0.00128
0.00160
0.00125
2.9
3.4
3.9
4.4
4.9
5.4
SUPPLY VOLTAGE (V)
DEV1
DEV2
DEV3
0.00155
0.00140
0.00135
0.00130
0.00150
0.00145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com