Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 51 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
ADT7462
http://onsemi.com
51
When a GPIO pin is configured as an output, the
corresponding bit in the GPIO status register becomes
read/write. Setting this bit then asserts the GPIO output.
(Again, “asserted” can be high or low, depending on the
setting of the polarity bit.) The effect of a GPIO status
register bit on the ALERT output can be masked by setting
the corresponding bit in one of the GPIO mask registers.
When the pin is configured as an output, the
corresponding status bit is automatically masked to prevent
the data written to the status bit from causing an interrupt.
When configured as inputs, the GPIO pins can be connected
to external interrupt sources such as temperature sensors
with digital output.
EDO Circuitry
The ADT7462 has the added functionality that the
assertion of one of the four GPIOs (GPIO1 to GPIO4) can
be used to latch one of the two EDOs high or low. The
ADT7462 has two EDO event mask registers (0x37 and
0x38): one mask for each EDO. See Table 29 for an
explanation of event mask register functionality.
The polarity of the EDOs is set in the GPIO configuration
registers (0x09 and 0x0A).
Setting a polarity bit to 1 in one of the GPIO configuration
registers makes the corresponding GPIO pin active high.
Clearing the polarity bit to 0 makes it active low.
Figure 84. EDO Circuit
GPIO1
GPIO2
GPIO3
GPIO4
LATCH
EVENT
MASK
EDO (GPIO5)
EDO (GPIO6)
Bits [7:5] of each event mask register (0x37 and 0x38)
allow the EDO output to be driven high or low (depending
on the polarity bit of the configuration register) and latched
(depending on the EDO latch bit of the configuration
register), if the ADT7462 detects an overtemperature, an
over/undervoltage, or a fan failure condition.
Table 29. EDO Control (Mask) Register 0x37 and Register 0x38
Bit 7:
Overvoltage/
Undervoltage
Bit 6: THERM
Bit 5: Fan Fail
Bit 3
Bit 2
Bit 1
Bit 0
Behavior: What Drives and
Latches Output X (G = GPIO)
0 = Drive Output X
0 = Drive Output X
0 = Drive Output X
0
0
0
0
G4 or G3 or G2 or G1
1 = Ignore Event
1 = Ignore Event
1 = Ignore Event
0
0
0
1
G4 or G3 or G2
0
0
1
0
G4 or G3 or G1
0
0
1
1
G4 or G3
0
1
0
0
G4 or G2 or G1
0
1
0
1
G4 or G2
0
1
1
0
G4 or G1
0
1
1
1
G4
1
0
0
0
G3 or G2 or G1
1
0
0
1
G3 or G2
1
0
1
0
G3 or G1
1
0
1
1
G3
1
1
0
0
G2 or G1
1
1
0
1
G2
1
1
1
0
G1
1
1
1
1
GPIO events ignored by Output X
Table 29 shows that any of the four designated GPIO pins
can be used to set or reset either one of the two EDO outputs.
Using this functionality, it is possible to have the
ADT7462 drive LEDs or signals based on rules. For
example, if a GPIO1 (power fail), a GPIO2 (overcurrent), or
an overtemperature condition occurs, EDO1 (power supply
fault LED) can be latched. This does not require software
handling and makes the part more autonomous.
Other Digital Inputs
The ADT7462 contains other specific digital inputs that
can be found on PC motherboards. These inputs can be
monitored and configured for actions to occur on their
assertion.
VR_HOT Inputs
Pin 25 and Pin 26 can be configured as VR_HOT inputs.
These are specific digital signals from the CPU voltage
regulator that indicate an overtemperature. On assertion of
these inputs, the relevant status bits are set in Thermal Status
Register 2 (Host Register 0xB9 or BMC Register 0xC1).
Assertion of these inputs can also be used to boost the fans
to full speed, thus providing emergency cooling in the event
of VR overtemperature. This is set using Bit 3 (VRD1) and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com