Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 66 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 66 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 70Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 81 page
background image
ADT7462
http://onsemi.com
66
Table 48. Register 0x14 — Easy Configuration Options (Note 1)
Bit
Name
R/W
Description
0
Easy Option 1
Select
R/W
Setting this bit to 1 enables Easy Option 1.
1
Easy Option 2
Select
R/W
Setting this bit to 1 enables Easy Option 2.
2
Easy Option 3
Select
R/W
Setting this bit to 1 enables Easy Option 3.
3
Easy Option 4
Select
R/W
Setting this bit to 1 enables Easy Option 4.
4
Easy Option 5
Select
R/W
Setting this bit to 1 enables Easy Option 5.
[7:5]
Reserved
R
Reserved for future use.
1. POR = 0x01, Lock = Y, SW Reset = Y.
Table 49. Register 0x16 — EDO/Single Channel Enable (Note 1)
Bit
Name
R/W
Description
0
EDO_En1
R/W
Enable EDO on GPIO5. Default = 0.
1
EDO_En2
R/W
Enable EDO on GPIO6. Default = 0.
2
Single−Channel
Mode Select
R/W
Setting this bit to 1 places the ADT7462 in single−channel mode. This means that it converts
on one channel only. The channel it converts on is set using the channel select bits in this re-
gister. Default = 0.
[7:3]
Channel Select
R/W
These bits are used to set the single channel that the ADT7462 measures in single−channel
mode.
0000 0 = Pin 26 (default)
0000 1 = Remote 1 temperature
0001 0 = Remote 2 temperature
0001 1 = Remote 3 temperature
0010 0 = Local temperature
0010 1 = +12V1
0011 0 = +12V2
0011 1 = +12V3
0100 0 = +3.3V
0100 1 = Pin 15 voltage
0101 0 = Pin 19 voltage
0101 1 = +5V
0110 0 = Pin 23 voltage
0110 1 = Pin 24 voltage
0111 0 = Pin 25 voltage
1000 0 = +1.5V1 (ICH) voltage
1000 1 = +1.5V2 (3GIO) voltage
1. POR = 0x00, Lock = Y, SW Reset = Y.
Table 50. Register 0x18 — Voltage Attenuator Configuration 1 (Note 1)
Bit
Name
R/W
Description
0
Reserved
R
Reserved for future use.
1
Attenuator Pin 7
R/W
Setting this bit to 0 removes the attenuators for Pin 7. Default = 1 = attenuators enabled.
2
Attenuator Pin 8
R/W
Setting this bit to 0 removes the attenuators for Pin 8. Default = 1 = attenuators enabled.
3
Attenuator Pin 13
R/W
Setting this bit to 0 removes the attenuators for Pin13. Default = 1 = attenuators enabled.
4
Attenuator Pin 15
R/W
Setting this bit to 0 removes the attenuators for Pin 15. Default = 1 = attenuators enabled.
5
Attenuator Pin 19
R/W
Setting this bit to 0 removes the attenuators for Pin 19. Default = 1 = attenuators enabled.
6
Attenuator Pin 21
R/W
Setting this bit to 0 removes the attenuators for Pin 21. Default = 1 = attenuators enabled.
7
Attenuator Pin 22
R/W
Setting this bit to 0 removes the attenuators for Pin 22. Default = 1 = attenuators enabled.
1. POR = 0xFF, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com