Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 63 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 63 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 81 page
background image
ADT7462
http://onsemi.com
63
Table 40. Register 0x0C — Dynamic TMIN Control Register 2 (Note 1)
Bit
Name
R/W
Description
[2:0]
CYR1
R/W
Three−bit Remote 1 cycle value. These three bits define the delay time between making
subsequent TMIN adjustments in the control loop for the Remote 1 temperature channel, in
terms of number of monitoring cycles. The system has associated thermal time constants that
must be found to optimize the response of fans and the control loop.
Bits
Decrease cycle
Increase cycle
000
001
010
011
100
101
110
111
8 cycles (1 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
2048 cycles (256 sec)
[5:3]
CYR2
R/W
Three−bit Remote 2 cycle value. These three bits define the delay time between making
subsequent TMIN adjustments in the control loop for the Remote 2 temperature channel, in
terms of number of monitoring cycles. The system has associated thermal time constants that
must be found to optimize the response of fans and the control loop.
Bits
Decrease cycle
Increase Cycle
000
001
010
011
100
101
110
111
8 cycles (1 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
16 cycles (2 sec)
32 cycles (4 sec)
64 cycles (8 sec)
128 cycles (16 sec)
256 cycles (32 sec)
512 cycles (64 sec)
1024 cycles (128 sec)
2048 cycles (256 sec)
6
Control Loop
Select
R/W
This bit allows the user to select between two control loops. 0 makes the control loop
backwards compatible with the ADT7463 and ADT7468. 1 = ADT7462 control loop (default).
7
Reserved
R
Reserved for future use.
1. POR = 0x40, Lock = Y, SW Reset = Y.
Table 41. Register 0x0D — THERM Configuration Register (Note 1)
Bit
Name
R/W
Description
0
Boost 1
R/W
Setting this bit to 0 causes the fans to go to maximum PWM on assertion of THERM1 as an
output. Setting this bit to 1 means that the fan speed is not affected when the THERM1
temperature limit is exceeded. Default = 0.
1
Boost 2
R/W
Setting this bit to 0 causes the fans to go to maximum PWM on assertion of THERM2 as an
output. Setting this bit to 1 means that the fan speed is not affected when the THERM2
temperature limit is exceeded. Default = 0.
[4:2]
THERM1 Timer
Window
R/W
These bits set the timer window for measuring THERM1 assertions.
000 = 0.25 sec
001 = 0.5 sec
010 = 1 sec
011 = 2 sec
100 = 4 sec
101 = 8 sec
110 = 8 sec
111 = 8 sec
[7:5]
THERM2 Timer
Window
R/W
These bits set the timer window for measuring THERM2 assertions.
000 = 0.25 sec
001 = 0.5 sec
010 = 1 sec
011 = 2 sec
100 = 4 sec
101 = 8 sec
110 = 8 sec
111 = 8 sec
1. POR = 0x00, Lock = Y, SW Reset = Y.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com