Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 76 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 76 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 76Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 77Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 78Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 79Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 80Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 81 page
background image
ADT7462
http://onsemi.com
76
Table 85. TACH Limit Registers (Note 1)
Register Address
R/W
Description
POR Default
0x78
R/W
TACH1 limit/VID limit.
0xFF
0x79
R/W
TACH2 limit.
0xFF
0x7A
R/W
TACH3 limit.
0xFF
0x7B
R/W
TACH4 limit.
0xFF
0x7C
R/W
TACH5 limit/+12V1 voltage high limit.
0xFF
0x7D
R/W
TACH6 limit/+12V2 voltage high limit.
0xFF
0x7E
R/W
TACH7 limit/+5V voltage high limit.
0xFF
0x7F
R/W
TACH8 limit/+12V3 voltage high limit.
0xFF
1. Lock = Y, SW Reset = N.
Table 86. THERM Timer Limit Registers (Note 1)
Register Address
R/W
Description
POR Default
0x80
R/W
THERM1 Timer Limit.
0xFF
0x81
R/W
THERM2 Timer Limit.
0xFF
1. Lock = Y, SW Reset = N.
Table 87. Temperature Value Registers (Note 1)
Register Address
R/W
Description
POR Default
0x88
R
Bits [7:6] Local temperature value, LSBs.
0x00
0x89
R
Local temperature value, MSBs.
0x00
0x8A
R
Bits [7:6] Remote 1 temperature value, LSBs.
0x00
0x8B
R
Remote 1 temperature value, MSBs/Pin 15 voltage.
0x00
0x8C
R
Bits [7:6] Remote 2 temperature value, LSBs.
0x00
0x8D
R
Remote 2 temperature value, MSBs.
0x00
0x8E
R
Bits [7:6] Remote 3 temperature value, LSBs.
0x00
0x8F
R
Remote 3 temperature value, MSBs/Pin 19 voltage.
0x00
1. Lock = N, SW Reset = N.
Table 88. Voltage Value Registers (Note 1)
Register Address
R/W
Description
POR Default
0x90
R
Pin 23 voltage value.
0x00
0x91
R
Pin 24 voltage value.
0x00
0x92
R
Pin 25 voltage value.
0x00
0x93
R
Pin 26 voltage value.
0x00
0x94
R
+1.5V1 (ICH) voltage value.
0x00
0x95
R
+1.5V2 (3GIO) voltage value.
0x00
0x96
R
+3.3V voltage value.
0x00
1. Lock = N, SW Reset = N.
Table 89. VID Value Registers (Note 1)
Register Address
R/W
Description
POR Default
0x97
R
This register reports the state of the seven VID inputs.
0x00
1. Lock = N, SW Reset = N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com