Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 34 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
ADT7462
http://onsemi.com
34
Figure 52. Assigning Temperature Channels to Fan Channels
MUX
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
REMOTE 1 =
AMBIENT TEMP
LOCAL =
VRM TEMP
REMOTE 2 =
CPU TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
To overcome fan inertia, the fan is spun up until two valid
TACH rising edges are counted. See the Fan Spin−Up
section for more details. In some cases, primarily for
psycho−acoustic reasons, the fan should never switch off
below TMIN. The corresponding bits in Register 0x25 and
Register 0x26 should be set to keep the fans running at the
PWM minimum duty cycle, if the temperature falls below
TMIN.
TMIN Registers
Register 0x5C, Local Temperature TMIN = 0x9A (90°C)
Register 0x5D, Remote 1 Temperature TMIN = 0x9A (90°C)
Register 0x5E, Remote 2 Temperature TMIN = 0x9A (90°C)
Register 0x5F, Remote 3 Temperature TMIN = 0x9A (90°C)
PWM1 and PWM2 Frequency Register (0x25)
Bit 0 (MIN 1) = 0. PWM1 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 0 (MIN 1) = 1. PWM1 runs at PWM1 minimum duty
cycle below TMIN − THYST.
Bit 1 (MIN 2) = 0. PWM2 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 1 (MIN 2) = 1. PWM2 runs at PWM2 minimum duty
cycle below TMIN − THYST.
PWM3 and PWM4 Frequency Register (0x26)
Bit 0 (MIN 3) = 0. PWM3 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 0 (MIN 3) = 1. PWM3 runs at PWM3 minimum duty
cycle below TMIN − THYST.
Bit 1 (MIN 4) = 0. PWM4 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 1 (MIN 4) = 1. PWM4 runs at PWM4 minimum duty
cycle below TMIN − THYST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com