Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 81 page
background image
ADT7462
http://onsemi.com
24
Figure 37. Equivalent VBATT Input Protection Circuit
ADC
VBATT
4.5pF
DIGITAL
CONTROL
49.5kΩ
82.7kΩ
3kΩ
3kΩ
ADC Information
Round Robin
Both temperature and voltage measurements are analog
inputs that are digitized using the on−board ADC. An
internal multiplexer switches between the different analog
inputs and digitizes them, in turn, in a round−robin manner.
The total conversion time depends upon how the ADT7462
is configured. The conversion times for each measurement
channel are shown in Table 14. The complete conversion
time is the sum of the time for the voltage and temperature
measurements.
For example, if the ADT7462 is configured as Easy
Configuration Option 1, the round−robin conversion time is
calculated as follows:
Total Conversion Time =
1
× (Local Conversion Time) +
3
× (Remote Conversion Time) +
4
× (Voltage Measurement Time)
The TACH is not measured using the ADC and so is not
part of the round−robin monitoring cycle.
Table 14. Measurement Channel Conversion Times
Channel
Conversion Time (ms)
Local Temperature
9.01
Remote Temperature
38.36
Voltage
8.53
For each ADC temperature and voltage measurement read
from their value registers, 16 readings have actually been
made internally and the results averaged before being placed
in the value register.
Bypass Voltage Attenuators
There are up to 13 voltage measurement channels on the
ADT7462. Each of these voltage measurement channels has
an input structure (see Figure 36 for input structures for each
of the voltage channels). Because the ADC has a voltage
input range from 0 V to 2.25 V, these input circuits attenuate
the voltage input using a resistor divider network to match
the input range of the ADC. However, the user may
occasionally want to remove the attenuators and directly
apply a voltage of between 0 V and 2.25 V to the ADC.
These attenuators can be disabled by setting relevant bits in
the voltage attenuator configuration registers (see Table 15).
This feature also allows the user to rescale the voltage inputs
using an external attenuator circuit. However, when the
attenuators are disabled, the user should ensure that the
voltage on the pin never exceeds 2.25 V.
Table 15. Voltage Attenuator Configuration Registers
Register Name
Register Address
Voltage Attenuator
Configuration Register 1
0x18
Voltage Attenuator
Configuration Register 2
0x19
Single−Channel ADC Conversions
Setting Bit 2 of the EDO Enable register (0x16) places the
ADT7462 into single−channel mode. In this mode, the
ADT7462 can be made to convert on a single voltage or
temperature channel only. The channel to be converted on is
selected by writing to Bits [7:3] of the EDO
(single−channel) Enable register (0x16). When the device is
in single−channel mode, the pin configuration option should
not be changed.
Note that when the Pin 26 voltage, which includes the
VBATT option, is selected in single−channel mode, this
means that voltage measurements are continuously made in
this mode. If a battery is connected to this input, this results
in an excessive current drain on the battery. The
specification of >10 years of battery life is valid only when
the battery voltage is measured as part of the round robin and
not in single−channel mode.
Table 16. Single−Channel Mode Options
Bits [7:3]
ADC Channel Selected
0000 0
+1.2V2 voltage, Pin 26
0000 1
Remote 1 temperature
0001 0
Remote 2 temperature
0001 1
Remote 3 temperature
0010 0
Local temperature
0010 1
+12V1 voltage, Pin 7
0011 0
+12V2 voltage, Pin 8
0011 1
+12V3 voltage, Pin 22
0100 0
+3.3V voltage, Pin 13
0100 1
+2.5V/+1.8V voltage, Pin 15
0101 0
+1.25V/+0.9V voltage, Pin 19
0101 1
+5V voltage, Pin 21
0110 0
+1.5V/+1.8V/+2.5V voltage, Pin 23
0110 1
+1.5V/+1.8V/+2.5V voltage, Pin 24
0111 0
+1.2V1/+3.3V voltage, Pin 25
1000 0
+1.5V1 voltage, Pin 28
1000 1
+1.5V2 voltage, Pin 29
Dynamic VID Functionality
VID Code
The ADT7462 can be configured to monitor up to seven
VID inputs. The VID code is output on seven lines from the
CPU to tell the power controller what input voltage it
requires. The ADT7462 can monitor the VID code and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com