Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 55 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 55 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 59Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
ADT7462
http://onsemi.com
55
Table 30. Register Map
Addr
Lock
able
SW
Reset
De−
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
R/W
Description
0x29
PWM2 Min
R/W
7
6
5
4
3
2
1
0
0x80
Yes
Yes
0x2A
PWM3 Min
R/W
7
6
5
4
3
2
1
0
0x80
Yes
Yes
0x2B
PWM4 Min
R/W
7
6
5
4
3
2
1
0
0x80
Yes
Yes
0x2C
PWM1 to
PWM4 Max
R/W
7
6
5
4
3
2
1
0
0xC0
Yes
Yes
0x30
Thermal
Mask 1
R/W
R3D
R2D
R1D
R3
R2
R1
Local
Res
0x00
Yes
No
0x31
Thermal
Mask 2
R/W
VRD2
VRD1
T2S
T2A
T2%
T1S
T1A
T1%
0xC0
Yes
No
0x32
Voltage
Mask 1
R/W
P23
+5V
P19
P15
+3.3V
+12V3
+12V2
+12V1
0x00
Yes
No
0x33
Voltage
Mask 2
R/W
+1.5V1
(ICH)
+1.5V2
(3GIO)
P26
P25
P24
Res
Res
Res
0x00
Yes
No
0x34
Fan Mask
R/W
Fan 8
Fan 7
Fan 6
Fan 5
Fan 4
Fan 3
Fan 2
Fan 1
0x00
Yes
No
0x35
Digital
Mask
R/W
CI
VID
SCSI2
SCSI1
FAN2MAX
Res
Res
Res
0x38
Yes
No
0x36
GPIO Mask
R/W
GPIO8
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
0x00
Yes
No
0x37
EDO Mask
1
R/W
Volt
Temp
Fan
Res
GPIO4
GPIO3
GPIO2
GPIO1
0x00
Yes
No
0x38
EDO Mask
2
R/W
Volt
Temp
Fan
Res
GPIO4
GPIO3
GPIO2
GPIO1
0x00
Yes
No
0x3D
Device ID
R
7
6
5
4
3
2
1
0
0x62
No
N/A
0x3E
Comp ID
R
7
6
5
4
3
2
1
0
0x41
No
N/A
0x3F
Rev No
R
7
6
5
4
3
2
1
0
0x04
No
N/A
0x44
Local Low
Temp Limit
R/W
7
6
5
4
3
2
1
0
0x40
No
No
0x45
Remote
1/Pin 15
Low Temp
Limit
R/W
7
6
5
4
3
2
1
0
0x40
No
No
0x46
Remote 2
Low Temp
Limit
R/W
7
6
5
4
3
2
1
0
0x40
No
No
0x47
Remote
3/Pin 19
Low Temp
Limit
R/W
7
6
5
4
3
2
1
0
0x40
No
No
0x48
Local High
Limit
R/W
7
6
5
4
3
2
1
0
0x95
No
No
0x49
Remote
1/Pin 15
High Limit
R/W
7
6
5
4
3
2
1
0
0x95
No
No
0x4A
Remote 2
High Limit
R/W
7
6
5
4
3
2
1
0
0x95
No
No
0x4B
Remote
3/Pin 19
High Limit
R/W
7
6
5
4
3
2
1
0
0x95
No
No
0x4C
Local
THERM1/
+1.5V2
(3GIO)
High
R/W
7
6
5
4
3
2
1
0
0xA4
No
Yes
0x4D
Remote 1
THERM1
Limit
R/W
7
6
5
4
3
2
1
0
0xA4
No
Yes
0x4E
Remote 2
THERM1
Limit
R/W
7
6
5
4
3
2
1
0
0xA4
No
Yes
0x4F
Remote 3
THERM1
Limit
R/W
7
6
5
4
3
2
1
0
0xA4
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com