Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7462ACPZ-R7 Datasheet(PDF) 46 Page - ON Semiconductor

Part # ADT7462ACPZ-R7
Description  Flexible Temperature, Voltage Monitor, and System Fan Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7462ACPZ-R7 Datasheet(HTML) 46 Page - ON Semiconductor

Back Button ADT7462ACPZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7462ACPZ-R7 Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
ADT7462
http://onsemi.com
46
Approaches to System Acoustic Enhancement
There are two different approaches to implementing
system acoustic enhancement: temperature−centric and
fan−centric.
The temperature−centric approach involves smoothing
transient temperatures as they are measured by a
temperature source (for example, Remote 1 temperature).
The temperature values used to calculate the PWM duty
cycle values are smoothed, reducing fan speed variation.
However, this approach causes an inherent delay in updating
fan speed and causes the thermal characteristics of the
system to change. It also causes the system fans to stay on
longer than necessary, because the fan’s reaction is merely
delayed. The user has no control over noise from different
fans driven by the same temperature source. Consider, for
example, a system in which control of a CPU cooler fan (on
PWM1) and a chassis fan (on PWM2) uses Remote 1
temperature. Because the Remote 1 temperature is
smoothed, both fans are updated at exactly the same rate. If
the chassis fan is much louder than the CPU fan, there is no
way to improve its acoustics without changing the thermal
solution of the CPU cooling fan.
The
fan−centric
approach
to
system
acoustic
enhancement controls the PWM duty cycle, driving the fan
at a fixed rate (for example, 6%). Each time the PWM duty
cycle is updated, it is incremented by a fixed 6%. As a result,
the fan ramps smoothly to its newly calculated speed. If the
temperature starts to drop, the PWM duty cycle immediately
decreases by 6% at every update. Therefore, the fan ramps
smoothly up or down without inherent system delay.
Consider, for example, controlling the same CPU cooler
fan (on PWM1) and chassis fan (on PWM2) using Remote
1 temperature. The TMIN and TRANGE settings have already
been defined in automatic fan speed control mode; that is,
thermal characterization of the control loop has been
optimized. The chassis fan is noisier than the CPU cooling
fan. Using the fan−centric approach, PWM2 can be placed
into acoustic enhancement mode independently of PWM1.
The acoustics of the chassis fan can, therefore, be adjusted
without affecting the acoustic behavior of the CPU cooling
fan, even though both fans are controlled by Remote 1
temperature. The fan−centric approach is how acoustic
enhancement works on the ADT7462.
Enabling Acoustic Enhancement for Each PWM
Output
Enhanced Acoustics Register 1 (0x1A)
Bit 0 (En1) = 1 enables acoustic enhancement on PWM1
output.
Bit 1 (En2) = 1 enables acoustic enhancement on PWM2
output.
Enhanced Acoustics Register 2 (0x1B)
Bit 0 (En3) = 1 enables acoustic enhancement on PWM3
output.
Bit 1 (En4) = 1 enables acoustic enhancement on PWM4
output.
Effect of Ramp Rate on Enhanced Acoustic Mode
The PWM signal driving the fan has a period, t, given by
the PWM drive frequency, f, because t = 1/f. For a given
PWM period, t, the PWM period is subdivided into 255
equal time slots. One time slot corresponds to the smallest
possible increment in the PWM duty cycle. A PWM signal
of 33% duty cycle is, therefore, high for 1/3
× 255 time slots
and low for 2/3
× 255 time slots. Therefore, a 33% PWM
duty cycle corresponds to a signal that is high for 85 time
slots and low for 170 time slots.
Figure 75. 33% PWM Duty Cycle Represented in
Time Slots
170
TIME SLOTS
85
TIME SLOTS
PWM OUTPUT
(ONE PERIOD)
= 255 TIME SLOTS
PWM_OUT
33% DUTY
CYCLE
The ramp rates in the enhanced acoustics mode are
selectable from 1 to 8. The ramp rates are discrete time slots.
For example, if the ramp rate is 8, then eight time slots are
added to the PWM high duty cycle each time the PWM duty
cycle needs to be increased. If the PWM duty cycle value
needs to be decreased, it is decreased by eight time slots.
Figure 76 shows how the enhanced acoustics mode
algorithm operates.
Figure 76. Enhanced Acoustics Mode Algorithm
READ
TEMPERATURE
CALCULATE
NEW PWM
DUTY CYCLE
IS NEW PWM
VALUE >
PREVIOUS
VALUE?
INCREMENT
PREVIOUS
PWM VALUE
BY RAMP RATE
YES
NO
DECREMENT
PREVIOUS
PWM VALUE
BY RAMP RATE
The enhanced acoustics mode algorithm calculates a new
PWM duty cycle based on the temperature measured. If the
new PWM duty cycle value is greater than the previous
PWM value, the previous PWM duty cycle value is
incremented by either 1, 2, 3, 5, 8, 12, 24, or 48 time slots,
depending on the settings of the enhanced acoustics
registers. If the new PWM duty cycle value is less than the
previous PWM value, the previous PWM duty cycle is
decremented by 1, 2, 3, 5, 8, 12, 24, or 48 time slots. Each
time the PWM duty cycle is incremented or decremented, its
value is stored as the previous PWM duty cycle for the next
comparison.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com