Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 129 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 129 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 125Page - National Semiconductor (TI) GXM Datasheet HTML 126Page - National Semiconductor (TI) GXM Datasheet HTML 127Page - National Semiconductor (TI) GXM Datasheet HTML 128Page - National Semiconductor (TI) GXM Datasheet HTML 129Page - National Semiconductor (TI) GXM Datasheet HTML 130Page - National Semiconductor (TI) GXM Datasheet HTML 131Page - National Semiconductor (TI) GXM Datasheet HTML 132Page - National Semiconductor (TI) GXM Datasheet HTML 133Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 244 page
background image
Revision 3.1
129
www.national.com
Integrated Functions (Continued)
4.5
DISPLAY CONTROLLER
The GXm processor incorporates a display controller that
retrieves display data from the memory controller and for-
mats it for output on a variety of display devices. The GXm
processor can directly connect to an active matrix TFT
LCD flat panel or to an external RAMDAC for CRT display
or both. The display controller includes a display FIFO,
compression/decompression (CODEC) hardware, hard-
ware cursor, a 256-entry-by-18-bit palette RAM (plus
three extension colors), display timing generator, dither
and frame-rate-modulation circuitry for TFT panels, and
flexible output formatting logic. A diagram of the display
controller subsystem is shown in Figure 4-14.
Figure 4-14. Display Controller Block Diagram
Memory
Data
Compressed
Codec
Cursor
Palette
Extensions
Palette
Dither
Output
RAMDAC
Panel
Control Registers
Timing
Memory
Memory
Address
Output
Control
Pseudo/True
Color Mux
32
64
Line Buffer
(64x32 bit)
Display
FIFO
(64x64 bit)
Latch
8
2
32
RAM
(264x18
9
16
18
Palette Data
and
FRM
Format
8
18
18
Addr.
Logic
Generator
and
Control Logic
Address
Generator
20
9
18
bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com