Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 124Page - National Semiconductor (TI) GXM Datasheet HTML 125Page - National Semiconductor (TI) GXM Datasheet HTML 126Page - National Semiconductor (TI) GXM Datasheet HTML 127Page - National Semiconductor (TI) GXM Datasheet HTML 128Page - National Semiconductor (TI) GXM Datasheet HTML 129Page - National Semiconductor (TI) GXM Datasheet HTML 130Page - National Semiconductor (TI) GXM Datasheet HTML 131Page - National Semiconductor (TI) GXM Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 244 page
background image
www.national.com
128
Revision 3.1
Integrated Functions (Continued)
GX_BASE+820Ch-820Fh
GP_BLT_STATUS Register (R/W)
Default Value = 00000000h
31:10
RSVD
Reserved: Set to 0.
9W
Screen Width: Selects a frame-buffer width of 2048 bytes (default is 1024 bytes).
8M
16-BPP Mode: Selects a pixel data format of 16 BPP (default is 8 BPP).
7:3
RSVD
Reserved: Set to 0.
2BP (RO)
BLT Pending (Read Only): Indicates that a BLT operation is pending in the master registers.
The “BLT Pending” bit must be clear before loading any of the graphics pipeline registers. Loading registers
when this bit is set high will destroy the values for the pending BLT.
1PB (RO)
Pipeline Busy (Read Only): Indicates that the graphics pipeline is processing data.
The “Pipeline Busy” bit differs from the “BLT Busy” bit in that the former only indicates that the graphics pipe-
line is processing data. The “BLT Busy” bit also indicates that the memory controller has not yet processed
all of the requests for the current operation.
The “Pipeline Busy” bit must be clear before loading a BLT buffer if the previous BLT operation used the
same BLT buffer.
0BB (RO)
BLT Busy (Read Only): Indicates that a BLT / vector operation is in progress.
The “BLT Busy” bit must be clear before accessing the frame buffer directly.
GX_BASE+8210h-8213h
GP_VGA_BASE (R/W)
Default Value = xxxxxxxxh
Note that the registers at GX_BASE+8210h and 8214h are located in the area designated for the graphics pipeline but are used for
VGA emulation purposes. Refer to Table 5-5 on page 173 for these register’s bit formats.
GX_BASE+8214h-8217h
GP_VGA_LATCH Register (R/W)
Default Value = xxxxxxxxh
Note that the registers at GX_BASE+8210h and 8214h are located in the area designated for the graphics pipeline but are used for
VGA emulation purposes. Refer to Table 5-5 on page 173 for these register’s bit formats.
Table 4-25. Graphics Pipeline Configuration Registers (Continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com