Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 120Page - National Semiconductor (TI) GXM Datasheet HTML 121Page - National Semiconductor (TI) GXM Datasheet HTML 122Page - National Semiconductor (TI) GXM Datasheet HTML 123Page - National Semiconductor (TI) GXM Datasheet HTML 124Page - National Semiconductor (TI) GXM Datasheet HTML 125Page - National Semiconductor (TI) GXM Datasheet HTML 126Page - National Semiconductor (TI) GXM Datasheet HTML 127Page - National Semiconductor (TI) GXM Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 244 page
background image
www.national.com
124
Revision 3.1
Integrated Functions (Continued)
4.4.6
Graphics Pipeline Register Descriptions
The graphics pipeline maps 200h locations starting at
GX_BASE+8100h. Refer to Section 4.1.2 “Control Regis-
ters” on page 94 for instructions on accessing these regis-
ters.
Table 4-24 summarizes the graphics pipeline registers
and Table 4-25 on page 125 gives detailed register/bit for-
mats.
Table 4-24. Graphics Pipeline Configuration Register Summary
GX_BASE+
Memory Offset
Type
Name / Function
Default Value
8100h-8103h
R/W
GP_DST/START_Y/XCOOR
Destination/Starting Y and X Coordinates Register — In BLT mode this register
specifies the destination Y and X positions for a BLT operation. In Vector mode it
specifies the starting Y and X positions in a vector.
00000000h
8104-8107h
R/W
GP_WIDTH/HEIGHT and GP_VECTOR_LENGTH/INIT_ERROR
Width/Height or Vector Length/Initial Error Register — In BLT mode this register
specifies the BLT width and height in pixels. In Vector mode it specifies the vector
initial error and pixel length.
00000000h
8108h-810Bh
R/W
GP_SRC_X/YCOOR and GP_AXIAL/DIAG_ERROR
Source X/Y Coordinate Axial/Diagonal Error Register — In BLT mode this register
specifies the BLT X and Y source. In Vector mode it specifies the axial and diago-
nal error for rendering a vector.
00000000h
810Ch-810Fh
R/W
GP_SRC_COLOR_0 and GP_SCR_COLOR_1
Source Color Register — Determines the colors used when expanding mono-
chrome source data in either the 8-BPP mode or the 16-BPP mode.
00000000h
8110h-8113h
R/W
GP_PAT_COLOR_0 and GP_PAT_COLOR_1
Graphics Pipeline Pattern Color 0 and 1 Registers — These two registers deter-
mine the colors used when expanding pattern data.
00000000h
8114h-8117h
R/W
GP_PAT_COLOR_2 and GP_PAT_COLOR_3
Graphics Pipeline Pattern Color 2 and 3 Registers — These two registers deter-
mine the colors used when expanding pattern data.
00000000h
8120h-8123h
R/W
GP_PAT_DATA 0 through 3
Graphics Pipeline Pattern Data Registers 0 through 3 — Together these registers
contain 128 bits of pattern data.
GP_PAT_DATA_0 corresponds to bits [31:0] of the pattern data.
GP_PAT_DATA_1 corresponds to bits [63:32] of the pattern data.
GP_PAT_DATA_2 corresponds to bits [95:64] of the pattern data.
GP_PAT_DATA_3 corresponds to bits [127:96] of the pattern data.
00000000h
8124h-8127h
R/W
00000000h
8128h-812Bh
R/W
00000000h
812Ch-812Fh
R/W
00000000h
8140h-8143h
(Note)
R/W
GP_VGA_WRITE
Graphics Pipeline VGA Write Patch Control Register — Controls the VGA mem-
ory write path in the graphics pipeline.
xxxxxxxxh
8144h-8147h
(Note)
R/W
GP_VGA_READ
Graphics Pipeline VGA Read Patch Control Register — Controls the VGA mem-
ory read path in the graphics pipeline.
00000000h
8200h-8203h
R/W
GP_RASTER_MODE
Graphics Pipeline Raster Mode Register — This register controls the manipula-
tion of the pixel data through the graphics pipeline. Refer to Section 4.4.5 “Raster
Operations” on page 123.
00000000h
8204h-8207h
R/W
GP_VECTOR_MODE
Graphics Pipeline Vector Mode Register — Writing to this register initiates the
rendering of a vector.
00000000h
8208h-820Bh
R/W
GP_BLT_MODE
Graphics Pipeline BLT Mode Register — Writing to this initiates a BLT operation.
00000000h
Note: The registers at GX_BASE+8140, 8144h, 8210h, and 8217h are located in the area designated for the graphics pipeline but
are used for VGA emulation purposes. Refer to Table 5-5 on page 173 for these register’s bit formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com