Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 118Page - National Semiconductor (TI) GXM Datasheet HTML 119Page - National Semiconductor (TI) GXM Datasheet HTML 120Page - National Semiconductor (TI) GXM Datasheet HTML 121Page - National Semiconductor (TI) GXM Datasheet HTML 122Page - National Semiconductor (TI) GXM Datasheet HTML 123Page - National Semiconductor (TI) GXM Datasheet HTML 124Page - National Semiconductor (TI) GXM Datasheet HTML 125Page - National Semiconductor (TI) GXM Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 244 page
background image
www.national.com
122
Revision 3.1
Integrated Functions (Continued)
4.4.3.1
Monochrome Patterns
Monochrome patterns are selected by setting the pattern
mode to 01b in the GP_RASTER_MODE register
(GX_BASE+ 8200h). Those pixels corresponding to a
clear bit (0) in the pattern are rendered using the color
specified in the GP_PAT_COLOR_0 register, and those
pixels corresponding to a set bit (1) in the pattern are ren-
dered using the color specified in the GP_PAT_COLOR_1
register (GX_BASE+8112h).
If the pattern transparency bit is set high in the
GP_RASTER_MODE register, those pixels corresponding
to a clear bit in the pattern data are not drawn.
Monochrome patterns use bits [63:0] of the pattern data.
Bits [7:0] correspond to the first row of the pattern, and bit
7 corresponds to the leftmost pixel on the screen. This is
illustrated in Figure 4-12.
Figure 4-12. Example of Monochrome Patterns
4.4.3.2
Dither Patterns
Dither patterns are selected by setting the pattern mode
to 10 b in the GP_RASTER_MODE register (Table 4-25
on page 125). Two bits of pattern data are used for each
pixel, allowing color expansion to four colors. The colors
are
specified
in
the
GP_PAT_COLOR_0
through
GP_PAT_COLOR_3 registers (Table 4-25 on page 125).
Dither patterns use all 128 bits of pattern data. Bits [15:0]
correspond to the first row of the pattern (the lower byte
contains the LSB of the pattern color and the upper byte
contains the MSB of the pattern color). This is illustrated
in Figure 4-13.
Figure 4-13. Example of Dither Patterns
GP_PAT_DATA_0 = 0x80412214
GP_PAT_DATA_1 = 0x08142241
14
22
41
80
41
22
14
08
00AA
4411
00AA
1155
00AA
4411
00AA
1155
GP_PAT_DATA_0 = 0x441100AA
GP_PAT_DATA_1 = 0x115500AA
GP_PAT_DATA_2 = 0x441100AA
GP_PAT_DATA_3 = 0x115500AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com