Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 117Page - National Semiconductor (TI) GXM Datasheet HTML 118Page - National Semiconductor (TI) GXM Datasheet HTML 119Page - National Semiconductor (TI) GXM Datasheet HTML 120Page - National Semiconductor (TI) GXM Datasheet HTML 121Page - National Semiconductor (TI) GXM Datasheet HTML 122Page - National Semiconductor (TI) GXM Datasheet HTML 123Page - National Semiconductor (TI) GXM Datasheet HTML 124Page - National Semiconductor (TI) GXM Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 244 page
background image
Revision 3.1
121
www.national.com
Integrated Functions (Continued)
The BLT buffers in the dedicated cache temporarily store
source anddestinationdata, typicallyonascanlinebasis.
The hardware automatically loads frame-buffer data
(source or destination) into the BLT buffers for each scan
line. The software is responsible for making sure that this
does not overflow the memory allocated for the BLT buff-
ers. When the source data is a bitmap, the data is loaded
directly into the BLT buffer before starting the BLT.
Vectors
are
initiated
by
writing
to
the
GP_VECTOR_MODE register (GX_BASE+8204h), which
specifies the direction of the vector and a “read destina-
tion data” flag. If the flag is set, the hardware will read
destination data along the vector and store it temporarily
in BLT Buffer 0.
4.4.2
Master/Slave Registers
When starting a BitBLT or vector operation, the graphics
pipeline registers are latched from the master registers to
the slave registers. A second BitBLT or vector operation
can then be loaded into the master registers while the first
operation is rendered. If a second BLT is pending in the
master registers, any write operations to the graphics
pipeline registers will corrupt the values of the pending
BLT. Software must prevent this from happening by check-
ing the “BLT Pending” bit in the GP_BLT_STATUS register
(GX_BASE+820Ch[2].
Most of the graphics pipeline registers are latched directly
from the master registers to the slave registers when
starting a new BitBLT or vector operation. Some registers,
however, use the updated slave values if the master regis-
ters have not been written, which allows software to ren-
der successive primitives without loading some of the
registers as outlined in Table 4-21.
4.4.3
Pattern Generation
The graphics pipeline contains hardware support for 8x8
monochrome patterns (expanded to two colors), 8x8
dither patterns (expanded to four colors), and 8x1 color
patterns. The pattern hardware, however, does not main-
tain a pattern origin, so the pattern data must be justified
before it is loaded into the GXm processor’s registers. For
solid primitives, the pattern hardware is disabled and the
pattern
color
is
always
sourced
from
the
GP_PAT_COLOR_0 register (GX_BASE+8110h).
Table 4-21. Graphics Pipeline Registers
Master
Function
GP_DST_XCOOR
Next X position along vector.
Master register if written, otherwise:
Unchanged slave if BLT, source mode = bitmap.
Slave + width if BLT, source mode = text glyph
GP_DST_YCOOR
Next Y position along vector.
Master register if written, otherwise:
Slave +/- height if BLT, source mode = bitmap.
Unchanged slave if BLT, source mode = text glyph.
GP_INIT_ERROR
Master register if written, otherwise:
Initial error for the next pixel along the vector.
GP_SRC_YCOOR
Master register if written, otherwise:
Slave +/- height if BLT, source mode = bitmap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com