Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 119Page - National Semiconductor (TI) GXM Datasheet HTML 120Page - National Semiconductor (TI) GXM Datasheet HTML 121Page - National Semiconductor (TI) GXM Datasheet HTML 122Page - National Semiconductor (TI) GXM Datasheet HTML 123Page - National Semiconductor (TI) GXM Datasheet HTML 124Page - National Semiconductor (TI) GXM Datasheet HTML 125Page - National Semiconductor (TI) GXM Datasheet HTML 126Page - National Semiconductor (TI) GXM Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 244 page
background image
Revision 3.1
123
www.national.com
Integrated Functions (Continued)
4.4.3.3
Color Patterns
Color patterns are selected by setting the pattern mode to
11 b in the GP_RASTER_MODE register. Bits [63:0] are
used to hold a row of pattern data for an 8-BPP pattern,
with bits [7:0] corresponding to the leftmost pixel of the
row. Likewise, bits [127:0] are used for a 16-BPP color
pattern, with bits [15:0] corresponding to the leftmost pixel
of the row.
To support an 8x8 color pattern, software must load the
pattern data for each row.
4.4.4
Source Expansion
The graphics pipeline contains hardware support for color
expansion of source data (primarily used for text). Those
pixels corresponding to a clear bit (0) in the source data
are
rendered
using
the
color
specified
in
the
GP_SRC_COLOR_0 register (GX_BASE+810Ch), and
those pixels corresponding to a set bit (1) in the source
data are rendered using the color specified in the
GP_SRC_COLOR_1 register (GX_BASE+810Eh).
If
the
source
transparency
bit
is
set
in
the
GP_RASTER_MODE register, those pixels corresponding
to a clear bit (0) in the source data are not drawn.
4.4.5
Raster Operations
The GP_RASTER_MODE register specifies how the pat-
tern data, source data (color-expanded if necessary), and
destination data are combined to produce the output from
the graphics pipeline. The definition of the ROP valu
matches that of the Microsoft API. This allows Windows
display drivers to load the raster operation directly into
hardware. Table 4-22 illustrates this definition. Some com-
mon raster operations are described in Table 4-23.
Table 4-22. GP_RASTER_MODE Bit Patterns
Pattern
(bit)
Source
(bit)
Destination
(bit)
Output
(bit)
00
0
ROP[0]
00
1
ROP[1]
01
0
ROP[2]
01
1
ROP[3]
10
0
ROP[4]
10
1
ROP[5]
11
0
ROP[6]
11
1
ROP[7]
Table 4-23. Common Raster Operations
ROP
Description
F0h
Output = Pattern
CCh
Output = source
5Ah
Output = Pattern XOR destination
66h
Output = Source XOR destination
55h
Output = ~Destination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com