Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 114Page - National Semiconductor (TI) GXM Datasheet HTML 115Page - National Semiconductor (TI) GXM Datasheet HTML 116Page - National Semiconductor (TI) GXM Datasheet HTML 117Page - National Semiconductor (TI) GXM Datasheet HTML 118Page - National Semiconductor (TI) GXM Datasheet HTML 119Page - National Semiconductor (TI) GXM Datasheet HTML 120Page - National Semiconductor (TI) GXM Datasheet HTML 121Page - National Semiconductor (TI) GXM Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 244 page
background image
www.national.com
118
Revision 3.1
Integrated Functions (Continued)
4.3.7
SDRAM Interface Clocking
The GXm processor drives the SDCLK to the SDRAMs;
one for each DIMM bank. All the control, data, and
address signals driven by the memory controller are sam-
pled by the SDRAM at the rising edge of SDCLK. SDCLK-
OUT is a reference signal used to generate SDCLKIN.
Read data is sampled by the memory controller at the ris-
ing edge of SDCLKIN.
The delay for SDCLKIN must be designed so that it lags
the SDCLKs at the DRAM by approximately 2ns. The
delay should also include the SDCLK transmission line
delay. The SDCLK traces on the board need to be laid out
so there is no skew between each of the four sinks. These
guidelines allow the memory interface to be closer to the
DRAM specifications. They improve performance by run-
ning the SDCLK up to frequencies of 100 MHz and a CAS
latency of two.
Figure 4-9. SDCLKIN Clocking
DIMM
0
DIMM
1
SDCLK[3:0]
Delay
SDCLKOUT
SDCLKIN
SDCLK0
SDCLK1
SDCLK2
SDCLK3
Geode™ GXm
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com