Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 186Page - National Semiconductor (TI) GXM Datasheet HTML 187Page - National Semiconductor (TI) GXM Datasheet HTML 188Page - National Semiconductor (TI) GXM Datasheet HTML 189Page - National Semiconductor (TI) GXM Datasheet HTML 190Page - National Semiconductor (TI) GXM Datasheet HTML 191Page - National Semiconductor (TI) GXM Datasheet HTML 192Page - National Semiconductor (TI) GXM Datasheet HTML 193Page - National Semiconductor (TI) GXM Datasheet HTML 194Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 244 page
background image
www.national.com
190
Revision 3.1
Electrical Specifications (Continued)
Table 7-10. SDRAM Interface Signals
Figure 7-6. Output Valid Timing
Figure 7-7. Setup and Hold Timings - Read Data In
Symbol
Parameter
Min
Max
Unit
t1
CNTRL* Output Valid from SDCLK[3:0]
Equation Number =
–1.5 (see below)
Equation Number =
–1.0 (see below)
ns
t2
MA[12:0], BA[1:0] Output Valid from
SDCLK[3:0]
Equation Number =
–1.7 (see below)
Equation Number =
–1.2 (see below)
ns
t3
MD[63:0] Output Valid from
SDCLK[3:0]
Equation Number =
–1.6 (see below)
Equation Number =
–0.3 (see below)
ns
t4
MD[63:0] Read Data in Setup to
SDCLKIN
0ns
t5
MD[63:0] Read Data Hold to SDCLKIN
2.0
ns
*CNTRL = RASA#, RASB# CASA#, CASB#, WEA#, WEB#, CKEA, CKEB, DQM[7:0], CS[3:0]#.
Load = 50pF, Core Vcc = 2.9, I/O Vcc = 3.3V, 25°C.
Output Valid Equation: Use Min or Max number in equation: Min# or Max# + (x * y)
Where: x = shift value applied to SHFTSDCLK field and y = (core clock period) ÷ 2
Note that SHFTSDCLK field = GX_BASE+8404h[5:3], see page 109.
Equation Example:
A 200 MHz GXm processor running a 66 MHz SDRAM bus, with a shift value of 2:
t1 Min = –1.5 + (2 * (5 ÷ 2)) = 3.5 ns
t1 Max= –1.0 +(2* (5 ÷2)) =4.0 ns
SDCLK[3:0]
CNTRL, MA[12:0],
BA[1:0], MD[63:0]
t1, t2, t3
Valid
SDCLKIN
MD[63:0]
Read Data In
t4
t5
t6
t7
Data Valid
Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com