Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 193 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 193 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 189Page - National Semiconductor (TI) GXM Datasheet HTML 190Page - National Semiconductor (TI) GXM Datasheet HTML 191Page - National Semiconductor (TI) GXM Datasheet HTML 192Page - National Semiconductor (TI) GXM Datasheet HTML 193Page - National Semiconductor (TI) GXM Datasheet HTML 194Page - National Semiconductor (TI) GXM Datasheet HTML 195Page - National Semiconductor (TI) GXM Datasheet HTML 196Page - National Semiconductor (TI) GXM Datasheet HTML 197Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 244 page
background image
Revision 3.1
193
www.national.com
Electrical Specifications (Continued)
Table 7-12. JTAG AC Specification
Figure 7-11. TCK Timing and Measurement Points
Symbol
Parameter
Min
Max
Unit
TCK Frequency (MHz)
25
MHz
t1
TCK Period
40
ns
t2
TCK High Time
10
ns
t3
TCK Low Time
10
ns
t4
TCK Rise Time
4
ns
t5
TCK Fall Time
4
ns
t6
TDO Valid Delay
3
25
ns
t7
Non-test Outputs Valid Delay
3
25
ns
t8
TDO Float Delay
30
ns
t9
Non-test Outputs Float Delay
36
ns
t10
TDI, TMS Setup Time
8
ns
t11
Non-test Inputs Setup Time
8
ns
t12
TDI, TMS Hold Time
7
ns
t13
Non-test Inputs Hold Time
7
ns
TCK
1.5 V
VIH(Min)
VIL(Max)
t2
t1
t4
t5
t3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com