Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 195 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 195 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 191Page - National Semiconductor (TI) GXM Datasheet HTML 192Page - National Semiconductor (TI) GXM Datasheet HTML 193Page - National Semiconductor (TI) GXM Datasheet HTML 194Page - National Semiconductor (TI) GXM Datasheet HTML 195Page - National Semiconductor (TI) GXM Datasheet HTML 196Page - National Semiconductor (TI) GXM Datasheet HTML 197Page - National Semiconductor (TI) GXM Datasheet HTML 198Page - National Semiconductor (TI) GXM Datasheet HTML 199Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 244 page
background image
Revision 3.1
195
www.national.com
8.0
Package Specifications
The thermal characteristics and mechanical dimensions
for the Geode GXm processor are provided on the follow-
ing pages.
8.1 THERMAL CHARACTERISTICS
Table 8-1 shows the junction-to-case thermal resistance
of the SPGA and BGA package and can be used to calcu-
late the junction (die) temperature under any given cir-
cumstance.
Note that there is no specification for maximum junction
temperature given since the operation of both SPGA and
BGA devices are guaranteed to a case temperature range
of 0°C to 85°C. As long as the case temperature of the
device is maintained within this range, the junction tem-
perature of the die will also be maintained within its allow-
able
operating
range.
However,
the
die
(junction)
temperature under a given operating condition can be cal-
culated by using the following equation:
TJ =TC +(P* θJC)
where:
TJ = Junction temperature (°C)
TC = Case temperature at top center of package (°C)
P = Power dissipation (W)
θ
J
C = Junction-to-case thermal resistance (°C/W)
As stated previously, a maximum junction temperature is
not specified since a maximum case temperature is.
Therefore, the following equation can be used to calculate
the maximum thermal resistance required of the thermal
solution for a given maximum ambient temperature:
where:
θ
CS = Max case-to-heatsink thermal resistance
(°C/W) allowed for thermal solution.
θ
SA = Max heatsink-to-ambient thermal resistance
(°C/W) allowed for thermal solution.
TA = Max ambient temperature (°C)
TC = Max case temperature at top center of package
(°C)
P = Max power dissipation (W)
If thermal grease is used between the case and heatsink,
θ
CS will reduce to about 0.01 °C/W. Therefore, the above
equation can be simplified to:
where:
θ
CA = θCS = Max case-to-ambient thermal resistance
(°C/W) allowed for thermal solution.
The calculated
θ
CA value (examples shown in Table 8-2)
represents the maximum allowed thermal resistance of
the selected cooling solution which is required to maintain
the 85°C case temperature for the application in which the
device is used.
These examples are given for reference only. The actual
value used for Maximum Power (P) and ambient tempera-
ture (TA) is determined by the system designer based on
system configuration, extremes of the operating environ-
ment, and whether active thermal management (via Sus-
pend Modulation) of the processor is employed.
Table 8-1. Junction-to-Case Thermal Resistance
for SPGA and BGA Packages
Package
θJC
SPGA
1.7
°C/W
BGA
1.1
°C/W
θ
CS
θ
SA
+
T
C
T
A
–
P
----------------------
=
θ
CA
T
C
T
A
–
P
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com