Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 196 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 196 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 192Page - National Semiconductor (TI) GXM Datasheet HTML 193Page - National Semiconductor (TI) GXM Datasheet HTML 194Page - National Semiconductor (TI) GXM Datasheet HTML 195Page - National Semiconductor (TI) GXM Datasheet HTML 196Page - National Semiconductor (TI) GXM Datasheet HTML 197Page - National Semiconductor (TI) GXM Datasheet HTML 198Page - National Semiconductor (TI) GXM Datasheet HTML 199Page - National Semiconductor (TI) GXM Datasheet HTML 200Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 244 page
background image
www.national.com
196
Revision 3.1
Package Specifications (Continued)
8.1.1
Heatsink Considerations
As described previously, Table 8-2 shows the maximum
allowed thermal resistance of a heatsink for particular
operating environments. The calculated values, defined
as
θ
CA, represent the required ability of a particular heat-
sink to transfer heat generated by the processor from its
case into the air, thereby maintaining the case tempera-
ture at or below 85°C. Because
θ
CA is a measure of ther-
mal resistivity, it is inversely proportional to the heatsink’s
ability to dissipate heat or it’s thermal conductivity.
Note:
A "perfect" heatsink wouldbeabletomaintaina
case temperature equal to that of the ambient air
inside the system chassis.
Looking at Table 8-2, it can be seen that as ambient tem-
perature (TA) increases, θCA decreases, and that as power
consumption
of
the
processor
(P)
increases,
θ
CA
decreases. Thus, the ability of the heatsink to dissipate
thermal energy must increase as the processor power
increases and as the temperature inside the enclosure
increases.
While
θ
CA is a useful parameter to calculate, heatsinks are
not typically specified in terms of a single
θ
CA.Thisis
because the thermal resistivity of a heatsink is not con-
stant across power or temperature. In fact, heatsinks
become slightly less efficient as the amount of heat they
are trying to dissipate increases. For this reason, heatsinks
are typically specified by graphs that plot heat dissipation
(in watts) vs. mounting surface (case) temperature rise
above ambient (in °C). This method is necessary because
ambient and case temperatures fluctuate constantly dur-
ing normal operation of the system. The system designer
must be careful to choose the proper heatsink by match-
ing the required
θ
CA with the thermal dissipation curve of
the device under the entire range of operating conditions in
order to make sure that a case temperature of 85°C is
never surpassed.
Table 8-2. Case-to-Ambient Thermal Resistance Examples @ 85°C
Core Voltage
(VCC2)
Core
Frequency
Maximum
Power
θ
CA for Different Ambient Temperatures (°C/W)
20°C
25°C
30°C
35°C
40°C
2.9V
(Nominal)
266 MHz
7.7W
8.44
7.79
7.14
6.49
5.84
233 MHz
7.1W
9.15
8.45
7.75
7.04
6.34
200 MHz
6.4W
10.16
9.38
8.59
7.81
7.03
180 MHz
6.0W
10.83
10.00
9.17
8.33
7.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com