Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 197 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 197 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 193Page - National Semiconductor (TI) GXM Datasheet HTML 194Page - National Semiconductor (TI) GXM Datasheet HTML 195Page - National Semiconductor (TI) GXM Datasheet HTML 196Page - National Semiconductor (TI) GXM Datasheet HTML 197Page - National Semiconductor (TI) GXM Datasheet HTML 198Page - National Semiconductor (TI) GXM Datasheet HTML 199Page - National Semiconductor (TI) GXM Datasheet HTML 200Page - National Semiconductor (TI) GXM Datasheet HTML 201Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 244 page
background image
Revision 3.1
197
www.national.com
Package Specifications (Continued)
To choose the proper heatsink, the system designer must
make sure that the calculated
θ
CA falls above the curve
(shaded area). The curve itself defines the minimum tem-
perature rise above ambient that the heatsink can main-
tain.
See Figure 8-1 as an example of a particular heatsink
under consideration.
Figure 8-1. Heatsink Example
Example 1
Assume P (max) = 5W and TA (max) = 40°C.
Therefore:
In this case, the heatsink under consideration is more than
adequate since at 5W worst case, it can maintain a 40°C
case temperature rise above ambient (
θ
CA = 9) when a
maximum of 45°C (
θ
CA = 8) is required.
Example 2
Assume P (max) = 10W and TA (max) = 40°C.
Therefore:
In this case, the heatsink under consideration is NOT ade-
quate to maintain the 45°C case temperature rise above
ambient for a 9W processor.
For more information on thermal design considerations or
heatsink properties, refer to the Product Selection Guide of
any leading vendor of Thermal Engineering solutions.
0
10
20
30
40
50
24
68
10
θ
CA = 45/9 = 5
Heat Dissipated - Watts
θ
CA = 45/5 = 9
θ
CA
T
C
T
A
–
P
----------------------
=
θ
CA
85
40
–
()
5
----------------------
=
θ
CA
9
=
θ
CA
T
C
T
A
–
P
----------------------
=
θ
CA
85
40
–
()
9
----------------------
=
θ
CA
5
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com