Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 201 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 201 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 197Page - National Semiconductor (TI) GXM Datasheet HTML 198Page - National Semiconductor (TI) GXM Datasheet HTML 199Page - National Semiconductor (TI) GXM Datasheet HTML 200Page - National Semiconductor (TI) GXM Datasheet HTML 201Page - National Semiconductor (TI) GXM Datasheet HTML 202Page - National Semiconductor (TI) GXM Datasheet HTML 203Page - National Semiconductor (TI) GXM Datasheet HTML 204Page - National Semiconductor (TI) GXM Datasheet HTML 205Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 244 page
background image
Revision 3.1
201
www.national.com
9.0
Instruction Set
This section summarizes the Geode GXm processor
instruction set and provides detailed information on the
instruction encodings. The instruction set is broken into
four categories:
• Processor Core Instruction Set - listed in Table 9-27 on
page 213
• FPU Instruction Set - listed in Table 9-29 on page 225
• MMX Instruction Set - listed in Table 9-31 on page 230
• National Semiconductor Extended MMX Instruction Set
- listed in Table 9-33 on page 235
These tables provide information on the instruction encod-
ing, and the instruction clock counts for each instruction.
The clock count values for these tables are based on the
following assumptions
1.
All clock counts refer to the microprocessor core
internal clock frequency. For example, clock doubled
GXm
processor
cores
will
reference
a
clock
frequency that is twice the bus frequency.
2.
The instruction has been prefetched, decoded and is
ready for execution.
3.
Bus cycles do not require wait states.
4.
There are no local bus HOLD requests delaying
processor access to the bus.
5.
No exceptions are detected during instruction execu-
tion.
6.
If an effective address is calculated, it does not use
two general register components. One register,
scaling and displacement can be used within the
clock count shown. However, if the effective address
calculation uses two general register components,
add one clock to the clock count shown.
7.
All clock counts assume aligned 32-bit memory/ IO
operands.
8.
If instructions access a 32-bit operand on odd
addresses, add one clock for read or write and add
two clocks for read and write.
9.
For non-cached memory accesses, add two clocks
(clock doubled GXm processor cores) or four clocks
(clock tripled GXm processor cores), assuming zero
wait state memory accesses.
10. Locked cycles are not cacheable. Therefore, using the
LOCK prefix with an instruction adds additional clocks
as specified in item 9 above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com