Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 203 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 203 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 199Page - National Semiconductor (TI) GXM Datasheet HTML 200Page - National Semiconductor (TI) GXM Datasheet HTML 201Page - National Semiconductor (TI) GXM Datasheet HTML 202Page - National Semiconductor (TI) GXM Datasheet HTML 203Page - National Semiconductor (TI) GXM Datasheet HTML 204Page - National Semiconductor (TI) GXM Datasheet HTML 205Page - National Semiconductor (TI) GXM Datasheet HTML 206Page - National Semiconductor (TI) GXM Datasheet HTML 207Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 244 page
background image
Revision 3.1
203
www.national.com
Instruction Set (Continued)
9.1.1
Prefix (Optional)
Prefix bytes can be placed in front of any instruction to
modify the operation of that instruction. When more than
one prefix is used, the order is not important. There are
five types of prefixes that can be used:
1.
Segment Override explicitly specifies which segment
register the instruction will use for effective address
calculation.
2.
Address Size switches between 16-bit and 32-bit
addressing by selecting the non-default address size.
3.
Operand Size switches between 16-bit and 32-bit
operand size by selecting the non-default operand
size.
4.
Repeat is used with a string instruction to cause the
instruction to be repeated for each element of the
string.
5.
Lock is used to assert the hardware LOCK# signal
during execution of the instruction.
Table 9-3 lists the encoding for different types of prefix
bytes.
9.1.2
Opcode
The opcode field specifies the operation to be performed
by the instruction. The opcode field is either one or two
bytes in length and may be further defined by additional
bits in the mod r/m byte. Some operations have more than
one opcode, each specifying a different form of the opera-
tion. Certain opcodes name instruction groups. For exam-
ple, opcode 80h names a group of operations that have
an immediate operand and a register or memory operand.
The reg field may appear in the second opcode byte or in
the mod r/m byte.
The opcode may contain w, d, s and eee opcode fields as
shownin the Table9-27 on page213
9.1.2.1
w Field (Operand Size)
When used, the 1-bit w field selects the operand size dur-
ing 16-bit and 32-bit data operations. See Table 9-4.
Table 9-3. Instruction Prefix Summary
Prefix
Encoding
Description
ES:
26h
Override segment default, use ES
for memory operand.
CS:
2Eh
Override segment default, use CS
for memory operand.
SS:
36h
Override segment default, use SS
for memory operand.
DS:
3Eh
Override segment default, use DS
for memory operand.
FS:
64h
Override segment default, use FS
for memory operand.
GS:
65h
Override segment default, use GS
for memory operand.
Operand
Size
66h
Make operand size attribute the
inverse of the default.
Address
Size
67h
Make address size attribute the
inverse of the default.
LOCK
F0h
Assert LOCK# hardware signal.
REPNE
F2h
Repeat the following string
instruction.
REP/REPE
F3h
Repeat the following string
instruction.
Table 9-4. w Field Encoding
w
Field
Operand Size
16-Bit Data
Operations
32-Bit Data
Operations
08 bits
8 bits
1
16bits
32bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com