Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 202 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 202 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 198Page - National Semiconductor (TI) GXM Datasheet HTML 199Page - National Semiconductor (TI) GXM Datasheet HTML 200Page - National Semiconductor (TI) GXM Datasheet HTML 201Page - National Semiconductor (TI) GXM Datasheet HTML 202Page - National Semiconductor (TI) GXM Datasheet HTML 203Page - National Semiconductor (TI) GXM Datasheet HTML 204Page - National Semiconductor (TI) GXM Datasheet HTML 205Page - National Semiconductor (TI) GXM Datasheet HTML 206Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 244 page
background image
www.national.com
202
Revision 3.1
Instruction Set (Continued)
9.1
GENERAL INSTRUCTION SET FORMAT
Depending on the instruction, the GXm processor core
instructions follow the general instruction format shown in
Table 9-1.
These instructions vary in length and can start at any byte
address. An instruction consists of one or more bytes that
can include prefix bytes, at least one opcode byte, a mod
r/m byte, an s-i-b byte, address displacement, and imme-
diate data. An instruction can be as short as one byte and
as long as 15 bytes. If there are more than 15 bytes in the
instruction, a general protection fault (error code 0) is gen-
erated.
The fields in the general instruction format at the byte
level are summarized in Table 9-2 and detailed in the fol-
lowing subsections.
Table 9-1. General Instruction Set Format
Prefix (optional)
Opcode
Register and Address Mode Specifier
Address
Displacement
Immediate
Data
mod r/m Byte
s-i-b Byte
mod
reg
r/m
ss
index
base
0 or More Bytes
1 or 2 Bytes
7:6
5:3
2:0
7:6
5:3
2:0
0, 8, 16, or 32 Bits
0, 8, 16, or 32 Bits
Table 9-2. Instruction Fields
Field Name
Description
Prefix (optional)
Prefix Field(s): One or more optional fields that are used to specify segment register override, address
and operand size, repeat elements in string instruction, LOCK# assertion.
Opcode
Opcode Field: Identifies instruction operation.
mod
Address Mode Specifier: Used with r/m field to select addressing mode.
reg
General Register Specifier: Uses reg, sreg3 or sreg2 encoding depending on opcode field.
r/m
Address Mode Specifier: Used with mod field to select addressing mode.
ss
Scale factor: Determines scaled-index address mode.
index
Index: Determines general register to be used as index register.
base
Base: Determines general register to be used as base register.
Address Displacement
Displacement: Determines address displacement.
Immediate Data
Immediate Data: Immediate-data operand used by instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com