Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 204 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 204 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 200Page - National Semiconductor (TI) GXM Datasheet HTML 201Page - National Semiconductor (TI) GXM Datasheet HTML 202Page - National Semiconductor (TI) GXM Datasheet HTML 203Page - National Semiconductor (TI) GXM Datasheet HTML 204Page - National Semiconductor (TI) GXM Datasheet HTML 205Page - National Semiconductor (TI) GXM Datasheet HTML 206Page - National Semiconductor (TI) GXM Datasheet HTML 207Page - National Semiconductor (TI) GXM Datasheet HTML 208Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 244 page
background image
www.national.com
204
Revision 3.1
Instruction Set (Continued)
9.1.2.2
d Field (Operand Direction)
When used, the d field (bit 1) determines which operand is
taken as the source operand and which operand is taken
as the destination. See Table 9-5.
9.1.2.3
s Field (Immediate Data Field Size)
When used, the s field (bit 1) determines the size of the
immediate data field. If the s bit is set, the immediate field
of the opcode is 8 bits wide and is sign-extended to match
the operand size of the opcode. See Table 9-6.
9.1.2.4
eee Field (MOV-Instruction Register
Selection)
The eee field (bits [5:3]) is used to select the control,
debug and test registers in the MOV instructions. The type
of register and base registers selected by the eee field are
listed in Table 9-7. The values shown in Table 9-7 are the
only valid encodings for the eee bits.
Table 9-5. d Field Encoding
d
Field
Direction of
Operation
Source
Operand
Destination
Operand
0
Register-to-Register
or
Register-to-Memory
reg
mod r/m
or
mod ss-index-
base
1
Register-to-Register
or
Memory-to-Register
mod r/m
or
mod ss-index-
base
reg
Table 9-6. s Field Encoding
s
Field
Immediate Field Size
8-Bit
Operand Size
16-Bit
Operand Size
32-Bit
Operand Size
0 (or not
present)
8bits
16bits
32bits
18 bits
8 bits
(sign-extended)
8bits
(sign-extended)
Table 9-7. eee Field Encoding
eee Field
Register Type
Base Register
000
Control Register
CR0
010
Control Register
CR2
011
Control Register
CR3
100
Control Register
CR4
000
Debug Register
DR0
001
Debug Register
DR1
010
Debug Register
DR2
011
Debug Register
DR3
110
Debug Register
DR6
111
Debug Register
DR7
011
Test Register
TR3
100
Test Register
TR4
101
Test Register
TR5
110
Test Register
TR6
111
Test Register
TR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com