Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 206 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 206 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 202Page - National Semiconductor (TI) GXM Datasheet HTML 203Page - National Semiconductor (TI) GXM Datasheet HTML 204Page - National Semiconductor (TI) GXM Datasheet HTML 205Page - National Semiconductor (TI) GXM Datasheet HTML 206Page - National Semiconductor (TI) GXM Datasheet HTML 207Page - National Semiconductor (TI) GXM Datasheet HTML 208Page - National Semiconductor (TI) GXM Datasheet HTML 209Page - National Semiconductor (TI) GXM Datasheet HTML 210Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 244 page
background image
www.national.com
206
Revision 3.1
Instruction Set (Continued)
9.1.4
reg Field
The reg field (Table 9-10) determines which general regis-
ters are to be used. The selected register is dependent on
whether a 16- or 32-bit operation is current and on the sta-
tus of the w bit.
9.1.4.1
sreg2 Field (ES, CS, SS, DS Register
Selection)
The sreg2 field (Table 9-11) is a 2-bit field that allows one
of the four 286-type segment registers to be specified.
9.1.4.2
sreg3 Field (FS and GS Segment Register
Selection)
The sreg3 field (Table 9-12) is 3-bit field that is similar to
the sreg2 field, but allows use of the FS and GS segment
registers.
Table 9-10. General Registers Selected
by reg Field
reg
16-Bit Operation
32-Bit Operation
w = 0w = 1
w = 0w = 1
000
AL
AX
AL
EAX
001
CL
CX
CL
ECX
010
DL
DX
DL
EDX
011
BL
BX
BL
EBX
100
AH
SP
AH
ESP
101
CH
BP
CH
EBP
110
DH
SI
DH
ESI
111
BH
DI
BH
EDI
Table 9-11. sreg2 Field Encoding
sreg2 Field
Segment Register Selected
00
ES
01
CS
10
SS
11
DS
Table 9-12. sreg3 Field Encoding
sreg3 Field
Segment Register Selected
000
ES
001
CS
010
SS
011
DS
100
FS
101
GS
110
Undefined
111
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com