Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 209 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 209 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 205Page - National Semiconductor (TI) GXM Datasheet HTML 206Page - National Semiconductor (TI) GXM Datasheet HTML 207Page - National Semiconductor (TI) GXM Datasheet HTML 208Page - National Semiconductor (TI) GXM Datasheet HTML 209Page - National Semiconductor (TI) GXM Datasheet HTML 210Page - National Semiconductor (TI) GXM Datasheet HTML 211Page - National Semiconductor (TI) GXM Datasheet HTML 212Page - National Semiconductor (TI) GXM Datasheet HTML 213Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 244 page
background image
Revision 3.1
209
www.national.com
Instruction Set (Continued)
9.2.1.3
CPUID Instruction with EAX = 00000002h
Standard function 02h (EAX = 02h) of the CPUID instruc-
tion returns information that is specific to the National
Semiconductor family of processors. Information about
the TLB is returned in EAX as shown in Table 9-20. Infor-
mation about the L1 cache is returned in EDX.
Table 9-19. EDX CPUID Data
Returned when EAX = 1
EDX
Returned
Contents*
Feature Flag
CR4
Bit
EDX[0]
1
FPU On-Chip
-
EDX[1]
0
Virtual Mode Extension
-
EDX[2]
0
Debug Extensions
-
EDX[3]
0
Page Size Extensions
-
EDX[4]
1
Time Stamp Counter
2
EDX[5]
1
RDMSR / WRMSR
Instructions
-
EDX[6]
0
Physical Address
Extensions
-
EDX[7]
0
Machine Check Exception
-
EDX[8]
1
CMPXCHG8B Instruction
-
EDX[9]
0
On-Chip APIC Hardware
-
EDX[10]
0
Reserved
-
EDX[11]
0
SYSENTER / SYSEXIT
Instructions
-
EDX[12]
0
Memory Type Range
Registers
-
EDX[13]
0
Page Global Enable
-
EDX[14]
0
Machine Check
Architecture
-
EDX[15]
1
Conditional Move
Instructions
-
EDX[16]
0
Page Attribute Table
-
EDX[22:17]
0
Reserved
-
EDX[23]
1
MMX Instructions
-
EDX[24]
0
Fast FPU Save and
Restore
-
EDX[31:25]
0
Reserved
-
Note: *0 = Not supported
Table 9-20. Standard CPUID with
EAX = 00000002h
Register
Returned
Contents
Description
EAX
xxxx 70xxh
TLBis32Entry, 4-way set asso-
ciative, and has 4 KByte Pages
EAX
xx xx xx 01h
The CPUID instruction needs to
be executed only once with an
input value of 02h to retrieve
complete information about the
cache and TLB
EBX
Reserved
ECX
Reserved
EDX
xx xx xx 80h
L1 cache is 16 KBytes, 4-way set
associated, and has 16 bytes per
line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com