Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 213 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 213 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 209Page - National Semiconductor (TI) GXM Datasheet HTML 210Page - National Semiconductor (TI) GXM Datasheet HTML 211Page - National Semiconductor (TI) GXM Datasheet HTML 212Page - National Semiconductor (TI) GXM Datasheet HTML 213Page - National Semiconductor (TI) GXM Datasheet HTML 214Page - National Semiconductor (TI) GXM Datasheet HTML 215Page - National Semiconductor (TI) GXM Datasheet HTML 216Page - National Semiconductor (TI) GXM Datasheet HTML 217Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 244 page
background image
Revision 3.1
213
www.national.com
Instruction Set (Continued)
Table 9-27. Processor Core Instruction Set Summary
Instruction
Opcode
Flags
Real
Mode
Prot’d
Mode
Real
Mode
Prot’d
Mode
OD I
T
S Z
A P C
FFFFFFFFF
Clock Count
(Reg/Cache Hit)
Notes
AAA ASCIIAdjustAL afterAdd
37
u
-
-
-
uux
ux
3
3
AAD ASCII Adjust AX before Divide
D5 0A
u
-
-
-
xxu
xu
7
7
AAM ASCII Adjust AX after Multiply
D4 0A
u
-
-
-
xxu
xu
19
19
AAS ASCII Adjust AL after Subtract
3F
u-
-
-
uux
ux
3
3
ADC Add with Carry
Register to Register
1 [00dw] [11 reg r/m]
x-
-
-
xxxxx
1
1
b
h
Register to Memory
1 [000w] [mod reg r/m]
1
1
Memory to Register
1 [001w] [mod reg r/m]
1
1
Immediate to Register/Memory
8 [00sw] [mod 010 r/m]###
1
1
Immediate to Accumulator
1 [010w] ###
1
1
ADD Integer Add
Register to Register
0 [00dw] [11 reg r/m]
x-
-
-
xxxxx
1
1
b
h
Register to Memory
0 [000w] [mod reg r/m]
1
1
Memory to Register
0 [001w] [mod reg r/m]
1
1
Immediate to Register/Memory
8 [00sw] [mod 000 r/m]###
1
1
Immediate to Accumulator
0 [010w] ###
1
1
AND Boolean AND
Register to Register
2 [00dw] [11 reg r/m]
0
-
-
-
x
x
u
x
0
1
1
b
h
Register to Memory
2 [000w] [mod reg r/m]
1
1
Memory to Register
2 [001w] [mod reg r/m]
1
1
Immediate to Register/Memory
8 [00sw] [mod 100 r/m]###
1
1
Immediate to Accumulator
2 [010w] ###
1
1
ARPL Adjust Requested Privilege Level
From Register/Memory
63 [mod reg r/m]
-----x
---
9
a
h
BB0_Reset Set BLT Buffer 0 Pointer to the Base
0F 3A
2
2
BB1_Reset Set BLT Buffer 1 Pointer to the Base
0F 3B
2
2
BOUND Check Array Boundaries
If Out of Range (Int 5)
62 [mod reg r/m]
---------
8+INT
8+INT
b, e
g,h,j,k,r
If In Range
77
BSF Scan Bit Forward
Register, Register/Memory
0F BC [mod reg r/m]
-----x
---
4/9+n
4/9+n
b
h
BSR Scan Bit Reverse
Register, Register/Memory
0F BD [mod reg r/m]
-----x
---
4/11+n
4/11+n
b
h
BSWAP Byte Swap
0F C[1 reg]
---------
6
6
BT Test Bit
Register/Memory, Immediate
0F BA [mod 100 r/m]#
--------x
1
1
b
h
Register/Memory, Register
0F A3 [mod reg r/m]
1/7
1/7
BTC Test Bit and Complement
Register/Memory, Immediate
0F BA [mod 111 r/m]#
--------x
2
2
b
h
Register/Memory, Register
0F BB [mod reg r/m]
2/8
2/8
BTR Test Bit and Reset
Register/Memory, Immediate
0F BA [mod 110 r/m]#
--------x
2
2
b
h
Register/Memory, Register
0F B3 [mod reg r/m
2/8
2/8
BTS Test Bit and Set
Register/Memory
0F BA [mod 101 r/m]
--------x
2
2
b
h
Register (short form)
0F AB [mod reg r/m]
2/8
2/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com