Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 212 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 212 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 208Page - National Semiconductor (TI) GXM Datasheet HTML 209Page - National Semiconductor (TI) GXM Datasheet HTML 210Page - National Semiconductor (TI) GXM Datasheet HTML 211Page - National Semiconductor (TI) GXM Datasheet HTML 212Page - National Semiconductor (TI) GXM Datasheet HTML 213Page - National Semiconductor (TI) GXM Datasheet HTML 214Page - National Semiconductor (TI) GXM Datasheet HTML 215Page - National Semiconductor (TI) GXM Datasheet HTML 216Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 244 page
background image
www.national.com
212
Revision 3.1
Instruction Set (Continued)
9.3
PROCESSOR CORE INSTRUCTION SET
The instruction set for the GXm processor core is summa-
rized in Table 9-27 on page 213. The table uses several
symbols and abbreviations that are described next and
listed in Table 9-26.
Opcodes
Opcodes are given as hex values except when they
appear within brackets as binary values.
Clock Counts
The clock counts listed in the instruction set summary
table are grouped by operating mode (Real and Pro-
tected) and whether there is a register/cache hit or a
cache miss. In some cases, more than one clock count is
showninacolumnfor agiven instruction, or avariableis
used in the clock count.
Flags
There are nine flags that are affected by the execution of
instructions. The flag names have been abbreviated and vari-
ous conventions used to indicate what effect the instruc-
tion has on the particular flag.
Table 9-26. Processor Core Instruction Set
Table Legend
Symbol or
Abbreviation
Description
Opcode
#
Immediate 8-bit data
##
Immediate 16-bit data
###
Full immediate 32-bit data (8, 16, 32 bits)
+
8-bit signed displacement
+++
Full signed displacement (16, 32 bits)
Clock Count
/
Register operand/memory operand.
n
Number of times operation is repeated.
L
Level of the stack frame.
|
Conditional jump taken | Conditional jump not
taken.
(e.g. “4|1” = 4 clocks if jump taken, 1 clock if
jump not taken)
\CPL
≤ IOPL \ CPL > IOPL
(where CPL = Current Privilege Level, IOPL =
I/O Privilege Level)
Flags
OF
Overflow Flag
DF
Direction Flag
IF
Interrupt Enable Flag
TF
Trap Flag
SF
Sign Flag
ZF
Zero Flag
AF
Auxiliary Flag
PF
Parity Flag
CF
Carry Flag
x
Flag is modified by the instruction.
-
Flag is not changed by the instruction.
0
Flag is reset to “0”.
1
Flag is set to “1”.
u
Flag is undefined following execution the
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com