Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 208 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 208 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 204Page - National Semiconductor (TI) GXM Datasheet HTML 205Page - National Semiconductor (TI) GXM Datasheet HTML 206Page - National Semiconductor (TI) GXM Datasheet HTML 207Page - National Semiconductor (TI) GXM Datasheet HTML 208Page - National Semiconductor (TI) GXM Datasheet HTML 209Page - National Semiconductor (TI) GXM Datasheet HTML 210Page - National Semiconductor (TI) GXM Datasheet HTML 211Page - National Semiconductor (TI) GXM Datasheet HTML 212Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 244 page
background image
www.national.com
208
Revision 3.1
Instruction Set (Continued)
9.2
CPUID INSTRUCTION
The CPUID instruction (opcode 0FA2) allows the software
to make processor inquiries as to the vendor, family,
model, stepping, features and also provides cache infor-
mation. The GXm with MMX supports both the standard
and National Semiconductor extended CPUID levels.
The presence of the CPUID instruction is indicated by the
ability to change the value of the ID Flag, bit 21 in the
EFLAGS register.
The CPUID level allows the CPUID instruction to return
different information in the EAX, EBX, ECX, and EDX reg-
isters. The level is determined by the initialized value of
the EAX register before the instruction is executed. A
summary of the CPUID levels is shown in Table 9-16.
9.2.1
Standard CPUID Levels
The standard CPUID levels are part of the standard x86
instruction set.
9.2.1.1
CPUID Instruction with EAX = 00000000h
Standard function 0h (EAX = 0) of the CPUID instruction
returns the maximum standard CPUID levels as well as
the processor vendor string.
After the instruction is executed, the EAX register contains
the maximum standard CPUID levels supported. The
maximum standard CPUID level is the highest acceptable
value for the EAX register input. This does not include the
extended CPUID levels.
The EBX through EDX registers contain the vendor string
of the processor as shown in Table 9-17.
9.2.1.2
CPUID Instruction with EAX = 00000001h
Standard function 01h (EAX = 1) of the CPUID instruction
returns the processor type, family, model, and stepping
information of the current processor in the EAX register
(see Table 9-18). The EBX and ECX registers are
reserved.
The standard feature flags supported are returned in the
EDX register as shown in Table 9-19 on page 209. Each
flag refers to a specific feature and indicates if that feature
is present on the processor. Some of these features have
protection control in CR4. Before using any of these fea-
tures on the processor, the software should check the cor-
responding feature flag. Attempting to execute an
unavailable feature can cause exceptions and unexpected
behavior. For example, software must check bit 4 before
attempting to use the Time Stamp Counter instruction.
Table 9-16. CPUID Levels Summary
CPUID
Type
Initialized
EAX
Register
Returned Data in EAX, EBX,
ECX, EDX Registers
Standard
00000000h
Maximum standard levels, CPU
vendor string
Standard
00000001h
Model, family, type and features
Standard
00000002h
TLB and cache information
Extended
80000000h
Maximum extended levels
Extended
80000001h
Extended model, family, type and
features
Extended
80000002h
CPU marketing name string
Extended
80000003h
Extended
80000004h
Extended
80000005h
TLB and L1 cache description
Table 9-17. CPUID Data Returned when EAX = 0
Register
(Note)
Returned Contents
Description
EAX
2
Maximum Standard
Level
EBX
69
72
7943
(iryC)
Vendor ID String 1
EDX
73
6E
4978
(snlx)
Vendor ID String 2
ECX
64
61
6574
(daet)
Vendor ID String 3
Note: The register column is intentionally out of order.
Table 9-18. EAX, EBX, ECX CPUID Data
Returned when EAX = 1
Register
Returned
Contents
Description
EAX[3:0]
xx
Stepping ID
EAX[7:4]
4
Model
EAX[11:8]
5
Family
EAX[15:12]
0
Type
EAX[31:16]
-
Reserved
EBX
-
Reserved
ECX
-
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com