Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 211 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 211 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 207Page - National Semiconductor (TI) GXM Datasheet HTML 208Page - National Semiconductor (TI) GXM Datasheet HTML 209Page - National Semiconductor (TI) GXM Datasheet HTML 210Page - National Semiconductor (TI) GXM Datasheet HTML 211Page - National Semiconductor (TI) GXM Datasheet HTML 212Page - National Semiconductor (TI) GXM Datasheet HTML 213Page - National Semiconductor (TI) GXM Datasheet HTML 214Page - National Semiconductor (TI) GXM Datasheet HTML 215Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 244 page
background image
Revision 3.1
211
www.national.com
Instruction Set (Continued)
9.2.2.3
CPUID Instruction with
EAX = 80000002h, 80000003h, 80000004h
Extended functions 80000002h through 80000004h (EAX
= 80000002h, EAX = 80000003h, EAX = 80000004h) of
the CPUID instruction return an ASCII string containing
the name of the current processor. These functions elimi-
nate the need to look up the processor name in a lookup
table. Software can simply call these functions to obtain
the name of the processor. The string may be 48 ASCII
characters long, and is returned in little endian format. If
the name is shorter than 48 characters long, the remain-
ing bytes will be filled with ASCII NUL character (00h).
9.2.2.4
CPUID Instruction with
EAX = 80000005h
Extended function 80000005h (EAX = 80000005h) of the
CPUID instruction returns information about the TLB and
L1 cachetobelookedupinalookuptable. Refer toTable
9-25.
Table 9-24. Official CPU Name
80000002h
80000003h
80000004h
EAX
CPU Name
1
EAX
CPU Name
5
EAX
CPU Name
9
EBX
CPU Name
2
EBX
CPU Name
6
EBX
CPU Name
10
ECX
CPU Name
3
ECX
CPU Name
7
ECX
CPU Name
11
EDX
CPU Name
4
EDX
CPU Name
8
EDX
CPU Name
12
Table 9-25. Standard CPUID with
EAX = 80000005h
Register
Returned
Contents
Description
EAX
--
Reserved
EBX
xx xx 70 xxh
TLB is 32 Entry, 4-way set
associative, and has 4 KByte
Pages
EBX
xx xx xx 01h
The CPUID instruction needs
to be executed only once with
an input value of 02h to retrieve
complete information about the
cache and TLB
ECX
xx xx xx 80h
L1 cache is 16 KBytes, 4-way
set associated, and has 16
bytes per line.
EDX
--
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com