Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 207 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 207 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 203Page - National Semiconductor (TI) GXM Datasheet HTML 204Page - National Semiconductor (TI) GXM Datasheet HTML 205Page - National Semiconductor (TI) GXM Datasheet HTML 206Page - National Semiconductor (TI) GXM Datasheet HTML 207Page - National Semiconductor (TI) GXM Datasheet HTML 208Page - National Semiconductor (TI) GXM Datasheet HTML 209Page - National Semiconductor (TI) GXM Datasheet HTML 210Page - National Semiconductor (TI) GXM Datasheet HTML 211Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 244 page
background image
Revision 3.1
207
www.national.com
Instruction Set (Continued)
9.1.5
s-i-b Byte (Scale, Indexing, Base)
The s-i-b fields provide scale factor, indexing and a base
field for address selection. The ss, index and base fields
are described next.
9.1.5.1
ss Field (Scale Selection)
The ss field (Table 9-13) specifies the scale factor used in
the offset mechanism for address calculation. The scale
factor multiplies the index value to provide one of the com-
ponents used to calculate the offset address.
9.1.5.2
index Field (Index Selection)
The index field (Table 9-14) specifies the index register
used by the offset mechanism for offset address calcula-
tion. When no index register is used (index field = 100),
the ss value must be 00 or the effective address is unde-
fined.
9.1.5.3
Base Field (s-i-b Present)
In Table 9-9 on page 205, the note “s-i-b present” for cer-
tain entries forces the use of the mod and base field as
listed in Table 9-15. The first two digits in the first column
of Table 9-15 identify the mod bits in the mod r/m byte.
The last three digits in the first column of this table identi-
fies thebasefields inthe s-i-bbyte.
Table 9-13. ss Field Encoding
ss Field
Scale Factor
00
x1
01
x2
01
x4
11
x8
Table 9-14. index Field Encoding
Index Field
Index Register
000
EAX
001
ECX
010
EDX
011
EBX
100
none
101
EBP
110
ESI
111
EDI
Table 9-15. mod base Field Encoding
mod Field
within
mode/rm
Byte
(bits 7:6)
base Field
within
s-i-b
Byte
(bits 2:0)
32-Bit Address Mode
with mod r/m and s-i-b
Bytes Present
00
000
DS:[EAX+(scaled index)]
00
001
DS:[ECX+(scaled index)]
00
010
DS:[EDX+(scaled index)]
00
011
DS:[EBX+(scaled index)]
00
100
SS:[ESP+(scaled index)]
00
101
DS:[d32+(scaled index)]
00
110
DS:[ESI+(scaled index)]
00
111
DS:[EDI+(scaled index)]
01
000
DS:[EAX+(scaled index)+d8]
01
001
DS:[ECX+(scaled index)+d8]
01
010
DS:[EDX+(scaled index)+d8]
01
011
DS:[EBX+(scaled index)+d8]
01
100
SS:[ESP+(scaled index)+d8]
01
101
SS:[EBP+(scaled index)+d8]
01
110
DS:[ESI+(scaled index)+d8]
01
111
DS:[EDI+(scaled index)+d8]
10
000
DS:[EAX+(scaled index)+d32]
10
001
DS:[ECX+(scaled index)+d32]
10
010
DS:[EDX+(scaled index)+d32]
10
011
DS:[EBX+(scaled index)+d32]
10
100
SS:[ESP+(scaled index)+d32]
10
101
SS:[EBP+(scaled index)+d32]
10
110
DS:[ESI+(scaled index)+d32]
10
111
DS:[EDI+(scaled index)+d32]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com