Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 214 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 214 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 210Page - National Semiconductor (TI) GXM Datasheet HTML 211Page - National Semiconductor (TI) GXM Datasheet HTML 212Page - National Semiconductor (TI) GXM Datasheet HTML 213Page - National Semiconductor (TI) GXM Datasheet HTML 214Page - National Semiconductor (TI) GXM Datasheet HTML 215Page - National Semiconductor (TI) GXM Datasheet HTML 216Page - National Semiconductor (TI) GXM Datasheet HTML 217Page - National Semiconductor (TI) GXM Datasheet HTML 218Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 244 page
background image
www.national.com
214
Revision 3.1
Instruction Set (Continued)
CALL Subroutine Call
Direct Within Segment
E8 +++
---------
3
3
b
h,j,k,r
Register/Memory Indirect Within Segment
FF [mod 010 r/m]
3/4
3/4
Direct Intersegment
-Call GatetoSamePrivilege
-Call Gate to Different Privilege No Par’s
-Call Gate to Different Privilege m Par’s
-16-bit Task to 16-bit TSS
-16-bit Task to 32-bit TSS
-16-bit Task to V86 Task
-32-bit Task to 16-bit TSS
-32-bit Task to 32-bit TSS
-32-bit Task to V86 Task
9A [unsigned full offset,
selector]
914
24
45
51+2m
183
189
123
186
192
126
Indirect Intersegment
-Call GatetoSamePrivilege
-Call Gate to Different Privilege No Par’s
-Call Gate to Different Privilege m Par’s
-16-bit Task to 16-bit TSS
-16-bit Task to 32-bit TSS
-16-bit Task to V86 Task
-32-bit Task to 16-bit TSS
-32-bit Task to 32-bit TSS
-32-bit Task to V86 Task
FF [mod 011 r/m]
11
15
25
46
52+2m
184
190
124
187
193
127
CBW Convert Byte to Word
98
---------
3
3
CDQ Convert Doubleword to Quadword
99
---------
2
2
CLC Clear Carry Flag
F8
--------0
1
1
CLD Clear Direction Flag
FC
-0
-------
4
4
CLI Clear Interrupt Flag
FA
--0
------
6
6
m
CLTS Clear Task Switched Flag
0F 06
---------
7
7
c
l
CMC Complement the Carry Flag
F5
--------x
3
3
CMOVA/CMOVNBE Move if Above/Not Below or Equal
Register, Register/Memory
0F 47 [mod reg r/m]
---------
1
1
r
CMOVBE/CMOVNA Move if Below or Equal/Not Above
Register, Register/Memory
0F 46 [mod reg r/m]
---------
1
1
r
CMOVAE/CMOVNB/CMOVNC Move if Above or Equal/Not Below/Not Carry
Register, Register/Memory
0F 43 [mod reg r/m]
---------
1
1
r
CMOVB/CMOVC/CMOVNAE Move if Below/Carry/Not Above or Equal
Register, Register/Memory
0F 42 [mod reg r/m]
---------
1
1
r
CMOVE/CMOVZ Move if Equal/Zero
Register, Register/Memory
0F 44 [mod reg r/m]
---------
1
1
r
CMOVNE/CMOVNZ Move if Not Equal/Not Zero
Register, Register/Memory
0F 45 [mod reg r/m]
---------
1
1
r
CMOVG/CMOVNLE Move if Greater/Not Less or Equal
Register, Register/Memory
0F 4F [mod reg r/m]
---------
1
1
r
CMOVLE/CMOVNG Move if Less or Equal/Not Greater
Register, Register/Memory
0F 4E [mod reg r/m]
---------
1
1
r
CMOVL/CMOVNGE Move if Less/Not Greater or Equal
Register, Register/Memory
0F 4C [mod reg r/m]
---------
1
1
r
CMOVGE/CMOVNL Move if Greater or Equal/Not Less
Register, Register/Memory
0F 4D [mod reg r/m]
---------
1
1
r
CMOVO Move if Overflow
Register, Register/Memory
0F 40 [mod reg r/m]
---------
1
1
r
CMOVNO Move if No Overflow
Register, Register/Memory
0F 41 [mod reg r/m]
---------
1
1
r
CMOVP/CMOVPE Move if Parity/Parity Even
Register, Register/Memory
0F 4A [mod reg r/m]
---------
1
1
r
CMOVNP/CMOVPO Move if Not Parity/Parity Odd
Register, Register/Memory
0F 4B [mod reg r/m]
---------
1
1
r
Table 9-27. Processor Core Instruction Set Summary (Continued)
Instruction
Opcode
Flags
Real
Mode
Prot’d
Mode
Real
Mode
Prot’d
Mode
OD I
T
S Z
A P C
FFFFFFFFF
Clock Count
(Reg/Cache Hit)
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com