Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 222 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 222 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 218Page - National Semiconductor (TI) GXM Datasheet HTML 219Page - National Semiconductor (TI) GXM Datasheet HTML 220Page - National Semiconductor (TI) GXM Datasheet HTML 221Page - National Semiconductor (TI) GXM Datasheet HTML 222Page - National Semiconductor (TI) GXM Datasheet HTML 223Page - National Semiconductor (TI) GXM Datasheet HTML 224Page - National Semiconductor (TI) GXM Datasheet HTML 225Page - National Semiconductor (TI) GXM Datasheet HTML 226Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 244 page
background image
www.national.com
222
Revision 3.1
Instruction Set (Continued)
STC Set Carry Flag
F9
--------1
1
1
STD Set Direction Flag
FD
-1
-------
4
4
STI Set Interrupt Flag
FB
--1
------
6
6
m
SUB Integer Subtract
Register to Register
2 [10dw] [11 reg r/m]
x
-
-
-
xxxxx
1
1
b
h
Register to Memory
2 [100w] [mod reg r/m]
1
1
Memory to Register
2 [101w] [mod reg r/m]
1
1
Immediate to Register/Memory
8 [00sw] [mod 101 r/m] ###
1
1
Immediate to Accumulator (short form)
2 [110w] ###
1
1
SVDC Save Segment Register and Descriptor
0F 78 [mod sreg3 r/m]
---------
20
20
s
s
SVLDT Save LDTR and Descriptor
0F 7A [mod 000 r/m]
---------
20
20
s
s
SVTS Save TSR and Descriptor
0F 7C [mod 000 r/m]
---------
21
21
s
s
TEST Test Bits
Register/Memory and Register
8 [010w] [mod reg r/m]
0
-
-
-
x
x
u
x
0
1
1
b
h
Immediate Data and Register/Memory
F [011w] [mod 000 r/m] ###
1
1
Immediate Data and Accumulator
A [100w] ###
1
1
VERR Verify Read Access
To Register/Memory
0F 00 [mod 100 r/m]
-----x
---
8
a
g,h,j,p
VERW Verify Write Access
To Register/Memory
0F 00 [mod 101 r/m]
-----x
---
8
a
g,h,j,p
WAIT Wait Until FPU Not Busy
9B
---------
1
1
WBINVD Write-Back and Invalidate Cache
0F 09
---------
23
23
t
t
WRMSR Write to Model Specific Register
0F 30
---------
XADD Exchange and Add
Register1, Register2
0F C[000w] [11 reg2 reg1]
x
-
-
-
xxxxx
2
2
Memory, Register
0F C[000w] [mod reg r/m]
2
2
XCHG Exchange
Register/Memory with Register
8[011w] [mod reg r/m]
---------
2
2
b,f
f,h
Register with Accumulator
9[0 reg]
2
2
XLAT Translate Byte
D7
---------
5
5
h
XOR Boolean Exclusive OR
Register to Register
3 [00dw] [11 reg r/m]
0
-
-
-
x
x
u
x
0
1
1
b
h
Register to Memory
3 [000w] [mod reg r/m]
1
1
Memory to Register
3 [001w] [mod reg r/m]
1
1
Immediate to Register/Memory
8 [00sw] [mod 110 r/m] ###
1
1
Immediate to Accumulator (short form)
3 [010w] ###
1
1
Table 9-27. Processor Core Instruction Set Summary (Continued)
Instruction
Opcode
Flags
Real
Mode
Prot’d
Mode
Real
Mode
Prot’d
Mode
OD I
T
S Z
A P C
FFFFFFFFF
Clock Count
(Reg/Cache Hit)
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com