Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 225 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 225 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 221Page - National Semiconductor (TI) GXM Datasheet HTML 222Page - National Semiconductor (TI) GXM Datasheet HTML 223Page - National Semiconductor (TI) GXM Datasheet HTML 224Page - National Semiconductor (TI) GXM Datasheet HTML 225Page - National Semiconductor (TI) GXM Datasheet HTML 226Page - National Semiconductor (TI) GXM Datasheet HTML 227Page - National Semiconductor (TI) GXM Datasheet HTML 228Page - National Semiconductor (TI) GXM Datasheet HTML 229Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 244 page
background image
Revision 3.1
225
www.national.com
Instruction Set (Continued)
Table 9-29. FPU Instruction Set Summary
FPU Instruction
Opcode
Operation
Clock
Count
Notes
F2XM1 Function Evaluation 2x-1
D9 F0
TOS <--- 2TOS-1
92 - 108
2
FABS Floating Absolute Value
D9 E1
TOS <--- | TOS |
2
2
FADD Floating Point Add
TopofStack
DC [11000 n]
ST(n)<--- ST(n) + TOS
4- 9
80-bit Register
D8 [1100 0 n]
TOS <--- TOS + ST(n)
4 - 9
64-bit Real
DC [mod 000 r/m]
TOS <--- TOS + M.DR
4 - 9
32-bit Real
D8 [mod 000 r/m]
TOS <--- TOS + M.SR
4 - 9
FADDP Floating Point Add, Pop
DE [1100 0 n]
ST(n) <--- ST(n) + TOS; then pop TOS
FIADD Floating Point Integer Add
32-bit integer
DA [mod 000 r/m]
TOS <--- TOS + M.SI
8 - 14
16-bit integer
DE [mod 000 r/m]
TOS <--- TOS + M.WI
8 - 14
FCHS Floating Change Sign
D9 E0
TOS <--- - TOS
2
FCLEX Clear Exceptions
(9B) DB E2
Wait then Clear Exceptions
5
FNCLEX Clear Exceptions
DB E2
Clear Exceptions
3
FCMOVB Floating Point Conditional Move if
Below
DA [1100 0 n]
If (CF=1) ST(0) <--- ST(n)
4
FCMOVE Floating Point Conditional Move if
Equal
DA [1100 1 n]
If (ZF=1) ST(0) <--- ST(n)
4
FCMOVBE Floating Point Conditional Move if
Below or Equal
DA [1101 0 n]
If (CF=1 or ZF=1) ST(0) <--- ST(n)
4
FCMOVU Floating Point Conditional Move if
Unordered
DA [1101 1 n]
If (PF=1) ST(0) <--- ST(n)
4
FCMOVNB Floating Point Conditional Move if
Not Below
DB [1100 0 n]
If (CF=0) ST(0) <--- ST(n)
4
FCMOVNE Floating Point Conditional Move if
Not Equal
DB [1100 1 n]
If (ZF=0) ST(0) <--- ST(n)
4
FCMOVNBE Floating Point Conditional Move if
Not Below or Equal
DB [1101 0 n]
If (CF=0 and ZF=0) ST(0) <--- ST(n)
4
FCMOVNU Floating Point Conditional Move if
Not Unordered
DB [1101 1 n]
If (DF=0) ST(0) <--- ST(n)
4
FCOM Floating Point Compare
80-bit Register
D8 [1101 0 n]
CC set by TOS - ST(n)
4
64-bit Real
DC [mod 010 r/m]
CC set by TOS - M.DR
4
32-bit Real
D8 [mod 010 r/m]
CC set by TOS - M.SR
4
FCOMP Floating Point Compare, Pop
80-bit Register
D8 [1101 1 n]
CC set by TOS - ST(n); then pop TOS
4
64-bit Real
DC [mod 011 r/m]
CC set by TOS - M.DR; then pop TOS
4
32-bit Real
D8 [mod 011 r/m]
CC set by TOS - M.SR; then pop TOS
4
FCOMPP Floating Point Compare, Pop
Two Stack Elements
DE D9
CC set by TOS - ST(1); then pop TOS and
ST(1)
4
FCOMI Floating Point Compare Real and Set EFLAGS
80-bit Register
DB [1111 0 n]
EFLAG set by TOS - ST(n)
4
FCOMIP Floating Point Compare Real and Set EFLAGS, Pop
80-bit Register
DF [1111 0 n]
EFLAG set by TOS - ST(n); then pop TOS
4
FUCOMI Floating Point Unordered Compare Real and Set EFLAGS
80-bit Integer
DB [1110 1 n]
EFLAG set by TOS - ST(n)
9 - 10
FUCOMIP Floating Point Unordered Compare Real and Set EFLAGS, Pop
80-bit Integer
DF [1110 1 n]
EFLAG set by TOS - ST(n); then pop TOS
9 - 10
FICOM Floating Point Integer Compare
32-bit integer
DA [mod 010 r/m]
CC set by TOS - M.WI
9 - 10
16-bit integer
DE [mod 010 r/m]
CC set by TOS - M.SI
9 - 10
FICOMP Floating Point Integer Compare, Pop
32-bit integer
DA [mod 011 r/m]
CC set by TOS - M.WI; then pop TOS
9 - 10
16-bit integer
DE [mod 011 r/m
CC set by TOS - M.SI; then pop TOS
9 - 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com