Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 228 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 228 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 224Page - National Semiconductor (TI) GXM Datasheet HTML 225Page - National Semiconductor (TI) GXM Datasheet HTML 226Page - National Semiconductor (TI) GXM Datasheet HTML 227Page - National Semiconductor (TI) GXM Datasheet HTML 228Page - National Semiconductor (TI) GXM Datasheet HTML 229Page - National Semiconductor (TI) GXM Datasheet HTML 230Page - National Semiconductor (TI) GXM Datasheet HTML 231Page - National Semiconductor (TI) GXM Datasheet HTML 232Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 244 page
background image
www.national.com
228
Revision 3.1
Instruction Set (Continued)
FPU Instruction Summary Notes
All references to TOS and ST(n) refer to stack layout prior to exe-
cution.
Values popped off the stack are discarded.
A pop from the stack increments the top of stack pointer.
A push to the stack decrements the top of stack pointer.
Notes:
1. For FCOS, FSIN, FSINCOS and FPTAN, time shown is for
absolute value of TOS < 3p/4. Add 90 clock counts for argu-
ment reduction if outside this range.
For FCOS, clock count is 141 if TOS <
π/4 and clock count is
92 if
π/4 < TOS > π/2.
For FSIN, clock count is 81 to 82 if absolute value of TOS <
π/4.
2. For F2XM1, clock count is 92 if absolute value of TOS < 0.5.
3. For FPATAN, clock count is 97 if ST(1)/TOS <
π/32.
4. For FYL2XP1, clock count is 170 if TOS is out of range and
regular FYL2X is called.
5. The following opcodes are reserved:
D9D7, D9E2, D9E7, DDFC, DED8, DEDA, DEDC, DEDD,
DEDE, DFFC.
If a reserved opcode is executed, and unpredictable results
may occur (exceptions are not generated).
FISUB Floating Point Integer Subtract
32-bit Integer
DA [mod 100 r/m]
TOS <--- TOS - M.SI
14 - 29
16-bit Integer
DE [mod 100 r/m]
TOS <--- TOS - M.WI
14 - 27
FISUBR Floating Point Integer Subtract Reverse
32-bit Integer Reversed
DA [mod 101 r/m]
TOS <--- M.SI - TOS
14 - 29
16-bit Integer Reversed
DE [mod 101 r/m]
TOS <--- M.WI - TOS
14 - 27
FTST Test Top of Stack
D9 E4
CC set by TOS - 0.0
4
FUCOM Unordered Compare
DD [1110 0 n]
CC set by TOS - ST(n)
4
FUCOMP Unordered Compare, Pop
DD [1110 1 n]
CC set by TOS - ST(n); then pop TOS
4
FUCOMPP Unordered Compare, Pop two
elements
DA E9
CC set by TOS - ST(I); then pop TOS and
ST(1)
4
FWAIT Wait
9B
Wait for FPU not busy
2
FXAM Report Class of Operand
D9 E5
CC <--- Class of TOS
4
FXCH Exchange Register with TOS
D9 [1100 1 n]
TOS <--> ST(n) Exchange
3
FXTRACT Extract Exponent
D9 F4
temp <--- TOS;
TOS <--- exponent (temp); then
push significant (temp) onto stack
11 - 16
FLY2X Function Eval. y
× Log2(x)
D9 F1
ST(1) <--- ST(1)
× Log
2(TOS); then pop TOS
145 - 154
FLY2XP1 Function Eval. y
× Log2(x+1)
D9 F9
ST(1) <--- ST(1)
× Log
2(1+TOS); then pop TOS
131 - 133
4
Table 9-29. FPU Instruction Set Summary (Continued)
FPU Instruction
Opcode
Operation
Clock
Count
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com