Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 229 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 229 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 225Page - National Semiconductor (TI) GXM Datasheet HTML 226Page - National Semiconductor (TI) GXM Datasheet HTML 227Page - National Semiconductor (TI) GXM Datasheet HTML 228Page - National Semiconductor (TI) GXM Datasheet HTML 229Page - National Semiconductor (TI) GXM Datasheet HTML 230Page - National Semiconductor (TI) GXM Datasheet HTML 231Page - National Semiconductor (TI) GXM Datasheet HTML 232Page - National Semiconductor (TI) GXM Datasheet HTML 233Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 244 page
background image
Revision 3.1
229
www.national.com
Instruction Set (Continued)
9.5
MMX INSTRUCTION SET
The CPU is functionally divided into the FPU unit, and the
integer unit. The FPU has been extended to process both
MMX instructions and floating point instructions in parallel
with the integer unit. Revision 3.1
For example, when the integer unit detects a MMX
instruction, the instruction passes to the FPU unit for exe-
cution. The integer unit continues to execute instructions
while the FPU unit executes the MMX instruction. If
another MMX instruction is encountered, the second
MMX instruction is placed in the MMX queue. Up to four
MMX instructions can be queued.
TheMMX instructionset is summarized in Table9-31on
page 230. The abbreviations used in the table are listed in
Table 9-30.
Table 9-30. MMX Instruction Set Table Legend
Abbreviation
Description
<----
Result written
[11 mm reg]
Binary or binary groups of digits
mm
One of eight 64-bit MMX registers
reg
A general purpose register
<--sat--
If required, the resultant data is saturated
to remain in the associated data range
<--move--
Source data is moved to result location
[byte]
Eight 8-bit bytes are processed in parallel
[word]
Four 16-bit word are processed in parallel
[dword]
Two 32-bit double words are processed in
parallel
[qword]
One 64-bit quad word is processed
[sign xxx]
The byte, word, double word or quad word
most significant bit is a sign bit
mm1, mm2
MMX Register 1, MMX Register 2
mod r/m
Mod and r/m byte encoding (page 6-6 of
this manual)
pack
Source data is truncated or saturated to
next smaller data size, then concatenated.
packdw
Pack two double words from source and
two double words from destination into four
words in destination register.
packwb
Pack four words from source and four
words from destination into eight bytes in
destination register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com