Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 233 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 233 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 229Page - National Semiconductor (TI) GXM Datasheet HTML 230Page - National Semiconductor (TI) GXM Datasheet HTML 231Page - National Semiconductor (TI) GXM Datasheet HTML 232Page - National Semiconductor (TI) GXM Datasheet HTML 233Page - National Semiconductor (TI) GXM Datasheet HTML 234Page - National Semiconductor (TI) GXM Datasheet HTML 235Page - National Semiconductor (TI) GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 244 page
background image
Revision 3.1
233
www.national.com
Instruction Set (Continued)
PUNPCKLBW Unpack Low Packed Byte, Data to Packed Words
MMX Register 2 to MMX Register 1
0F60 [11 mm1 mm2]
MMX reg 1 [word] <--interleave-- MMX reg 1 [low byte], MMX reg 2 [low byte]
1/1
Memory to MMX Register
0F60 [11 mm reg]
MMX reg [word] <--interleave-- memory [low byte], MMX reg [low byte]
1/1
PUNPCKLDQ Unpack Low Packed Dword, Data to Qword
MMX Register 2 to MMX Register 1
0F62 [11 mm1 mm2]
MMX reg 1 [word] <--interleave-- MMX reg 1 [low dword], MMX reg 2 [low
dword]
1/1
Memory to MMX Register
0F62 [11 mm reg]
MMX reg [word] <--interleave-- memory [low dword], MMX reg [low dword]
1/1
PUNPCKLWD Unpack Low Packed Word, Data to Packed Dwords
MMX Register 2 to MMX Register 1
0F61 [11 mm1 mm2]
MMX reg 1 [word] <--interleave-- MMX reg 1 [low word], MMX reg 2 [low word]
1/1
Memory to MMX Register
0F61 [11 mm reg]
MMX reg [word] <--interleave-- memory [low word], MMX reg [low word]
1/1
PXOR Bitwise XOR
MMX Register 2 to MMX Register 1
0FEF [11 mm1 mm2]
MMX reg 1 [qword] <--logic exclusive OR-- MMX reg 1 [qword], MMX reg 2
[qword]
1/1
Memory to MMX Register
0FEF [11 mm reg]
MMX reg [qword] <--logic exclusive OR-- memory[qword], MMX reg [qword]
1/1
Table 9-31. MMX Instruction Set Summary (Continued)
MMX Instructions
Opcode
Operation and Clock Count (Latency/Throughput)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com