Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 235 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 235 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 231Page - National Semiconductor (TI) GXM Datasheet HTML 232Page - National Semiconductor (TI) GXM Datasheet HTML 233Page - National Semiconductor (TI) GXM Datasheet HTML 234Page - National Semiconductor (TI) GXM Datasheet HTML 235Page - National Semiconductor (TI) GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) GXM Datasheet HTML 239Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 244 page
background image
Revision 3.1
235
www.national.com
Instruction Set (Continued)
Table 9-33. Extended MMX Instruction Set Summary
MMX Instructions
Opcode
Operation and Clock Count
PADDSIW Packed Add Signed Word with Saturation Using Implied Destination
MMX Register plus MMX Register to Implied Register
0F51 [11 mm1 mm2]
Sum signed packed word from MMX register/memory --->
signed packed word in MMX register, saturate, and write result
---> implied register
1
Memory plus MMX Register to Implied Register
0F51 [mod mm r/m]
1
PAVEB Packed Average Byte
MMX Register 2 with MMX Register 1
0F50 [11 mm1 mm2]
Average packed byte from the MMX register/memory with
packed byte in the MMX register. Result is placed in the MMX
register.
1
Memory with MMX Register
0F50 [mod mm r/m]
1
PDISTIB Packed Distance and Accumulate with Implied Register
Memory, MMX Register to Implied Register
0F54 [mod mm r/m]
Find absolute value of difference between packed byte in
memory and packed byte in the MMX register. Using unsigned
saturation, accumulate with value in implied destination regis-
ter.
2
PMACHRIW Packed Multiply and Accumulate with Rounding
Memory to MMX Register
0F5E[mod mm r/m]
Multiply the packed word in the MMX register by the packed
word in memory. Sum the 32-bit results pairwise. Accumulate
the result with the packed signed word in the implied destina-
tion register.
2
PMAGW Packed Magnitude
MMX Register 2 to MMX Register 1
0F52 [11 mm1 mm2]
Set the destination equal ---> the packed word with the largest
magnitude, between the packed word in the MMX regis-
ter/memory and the MMX register.
2
Memory to MMX Register
0F52 [mod mm r/m]
2
PMULHRIW Packed Multiply High with Rounding, Implied Destination
MMX Register 2 to MMX Register1
0F5D [11 mm1 mm2]
Packed multiply high with rounding and store bits 30 - 15 in
implied register.
2
Memory to MMX Register
0F5D [mod mm r/m]
2
PMULHRW Packed Multiply High with Rounding
MMX Register 2 to MMX Register 1
0F59 [11 mm1 mm2]
Multiply the signed packed word in the MMX register/memory
with the signed packed word in the MMX register. Round with
1/2 bit 15, and store bits 30 - 15 of result in the MMX register.
2
Memory to MMX Register
0F59 [mod mm r/m]
2
PMVGEZB Packed Conditional Move If Greater Than or Equal to Zero
Memory to MMX Register
0F5C [mod mm r/m]
Conditionally move packed byte from memory ---> packed byte
in the MMX register if packed byte in implied MMX register is
greater than or equal ---> zero.
1
PMVLZB Packed Conditional Move If Less Than Zero
Memory to MMX Register
0F5B [mod mm r/m]
Conditionally move packed byte from memory ---> packed byte
in the MMX register if packed byte in implied MMX register is
less than zero.
1
PMVNZB Packed Conditional Move If Not Zero
Memory to MMX Register
0F5A [mod mm r/m]
Conditionally move packed byte from memory ---> packed byte
in the MMX register if packed byte in implied MMX register is
not zero.
1
PMVZB Packed Conditional Move If Zero
Memory to MMX Register
0F58 [mod mm r/m]
Conditionally move packed byte from memory ---> packed byte
in the MMX register if packed byte in implied the MMX register
is zero.
1
PSUBSIW Packed Subtracted with Saturation Using Implied Destination
MMX Register 2 to MMX Register 1
0F55 [11 mm1 mm2]
Subtract signed packed word in the MMX register/memory from
signed packed word in the MMX register, saturate, and write
result ---> implied register.
1
Memory to MMX Register
0F55 [mod mm r/m]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com