Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 238 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 238 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 234Page - National Semiconductor (TI) GXM Datasheet HTML 235Page - National Semiconductor (TI) GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) GXM Datasheet HTML 239Page - National Semiconductor (TI) GXM Datasheet HTML 240Page - National Semiconductor (TI) GXM Datasheet HTML 241Page - National Semiconductor (TI) GXM Datasheet HTML 242Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 244 page
background image
www.national.com
238
Revision 3.1
Index (Continued)
Directory Table Entry
73
Display Controller
129
–154
Buffer Organization
135
CODEC hardware
129
Compression Logic
130
Compression Technology
130
CRT Display Modes
134
Cursor Pattern Memory
136
DC Memory Organization
135
DC_CURSOR_COLOR Register (BX_BASE+8360h) 131
Display FIFO
130
Display Modes
131
Display Timing
131
Dither/Frame-Rate Modulation (FRM)
131
Graphics Memory Map
135
Hardware Cursor
131
Memory Management
130
Pixel Arrangement Within a DWORD
135
RAMDAC
129
TFT LCD flat panel
129
TFT Panel Data Bus Formats
133
TFT Panel Display Modes
132
VESA-compatible
131
VGA Display Support
136
Display Controller Block Diagram
129
Display Controller Registers
136
Configuration and Status Registers
139
DC_BORDER_COLOR (8368h-836Bh)
138
DC_BUF_SIZE (8328h-832Bh)
137
DC_CB_ST_OFFSET (8314h-8317h)
137
DC_CFIFO_DIAG (837Ch-837Fh)
138
DC_CURS_ST_OFFSET (8318h-831Bh)
137
DC_CURSOR_COLOR (83680h-8363h)
138
DC_CURSOR_X (8350h-8353h)
137
DC_CURSOR_Y (8358h-835Bh)
137
DC_DFIFO_DIAG (8378h-837Bh)
138
DC_FB_ST_OFFSET (8310h-8313h)
136
DC_FP_H_TIMING (833Ch-833Fh)
137
DC_FP_V_TIMING (834Ch-834Fh)
137
DC_GENERAL_CFG (8304h-8307h)
136
DC_H_TIMING_1 (8330h-8333h)
137
DC_H_TIMING_2 (8334h-8337h)
137
DC_H_TIMING_3 (8338h-833Bh)
137
DC_LINE_DELTA (8324h-8327h)
137
DC_OUTPUT_CFG (830Ch-830Fh)
136
DC_PAL_ADDRESS (8370h-8373h)
138
DC_PAL_DATA (8374h-8377h)
138
DC_SS_LINE_CMP (835Ch-835Fh)
137
DC_TIMING_CFG (8308h-830Bh)
136
DC_UNLOCK (8300h-8303h)
136
DC_V_LINE_CNT (8354h-8357h)
137
DC_V_TIMING_1 (8340h-8343h)
137
DC_V_TIMING_2 (8344h-8247h)
137
DC_V_TIMING_3 (8348h-834Bh)
137
DC_VID_ST_OFFSET (8320h-8323h)
137
Memory Organization Registers
144
Display Driver
BB0_RESET
98
BB1_RESET
98
CPU_READ
98
CPU_WRITE
98
Scratchpad
98
Display Driver Instructions
98
DR6 Register
53
Bn
53
BS
53
BT
53
DR7 and DR6 Bit Definitions
53
DR7 Register
53
GD
53
Gn
53
LENn
53
Ln
53
R/Wn
53
DRAM Address Conversion
112
E
EBP register
40
EFLAGS Register
43
Alignment Check Enable (AM)
43
Auxiliary Carry Flag
43
Carry Flag
43
CPUID instruction
43
Direction Flag (DF)
43
I/O Privilege Level (IOPL)
43
Identification Bit
43
Interrupt Enable
43
Nested Task (NT)
43
Resume Flag (RF)
43
Sign Flag
43
Trap Enable Flag
43
Virtual 8086 Mode (VM)
43
EFLAGS register, bit 9
83
EGA
165
Electrical Connections
182
NC-Designated Pins
182
Power/Ground Connections
182
Pull-Up/Pull-Down Resisters
182
Unused Input Pins
182
Electrical Specifications
182
Absolute Maximum Ratings
183
AC Characteristics
186
Clock Signals
187
DC Characteristics Table
185
DCLK Timing
192
Graphics Port Timing
191
JTAG AC Specification
193
JTAG Test Timings
194
Output Valid Timing
190
Part Numbers
182
PCI Interface Signals
189
SDRAM Interface Signals
190
Setup and Hold Timings
190
SYSCLK Timing
187
System Signals
188
TCK Timing and Measurement Points
193
Video Interface Signals
191
Video Port Timing
192
Exceptions
74
Abort
75
Fault
75
Trap
74
Extended MMX Instruction Set
234
Extended MMX™ Instruction Set
Configuration Control Rregister
234
Legend
234
F
Fields - index
207
Fields - mod and r/m
205
Fields - sreg3
206
Fields - ss
207
floating point error
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com