Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 236 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 236 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 232Page - National Semiconductor (TI) GXM Datasheet HTML 233Page - National Semiconductor (TI) GXM Datasheet HTML 234Page - National Semiconductor (TI) GXM Datasheet HTML 235Page - National Semiconductor (TI) GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) GXM Datasheet HTML 239Page - National Semiconductor (TI) GXM Datasheet HTML 240Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 244 page
background image
www.national.com
236
Revision 3.1
Appendix A
Support Documentation
A.1
ORDER INFORMATION
A.2
DATA BOOK REVISION HISTORY
This document is a report of the revision/creation process
of the data book for the GXm processor. Any revisions
(i.e., additions, deletions, parameter corrections, etc.) are
recorded in the tables below.
Order Number
Part Marking
Core
Frequency (MHz)
Temperature
(Degree C)
Package
30070-53
GXm-266P 2.9V 70C
266
70
SPGA
30071-53
GXm-266P 2.9V 85C
266
85
SPGA
30170-53
GXm-266B 2.9V 70C
266
70
BGA
30171-53
GXm-266B 2.9V 85C
266
85
BGA
30050-33
GXm-233P 2.9V 70C
233
70
SPGA
30054-33
GXm-233P 2.9V 85C
233
85
SPGA
30150-33
GXm-233B 2.9V 70C
233
70
BGA
30151-33
GXm-233B 2.9V 85C
233
85
BGA
30040-23
GXm-200P 2.9V 70C
200
70
SPGA
30044-23
GXm-200P 2.9V 85C
200
85
SPGA
30140-23
GXm-200B 2.9V 70C
200
70
BGA
30141-23
GXm-200B 2.9V 85C
200
85
BGA
30030-23
GXm-180P 2.9V 70C
180
70
SPGA
30034-23
GXm-180P 2.9V 85C
180
85
SPGA
30130-23
GXm-180B 2.9V 70C
180
70
BGA
30131-23
GXm-180B 2.9V 85C
180
85
BGA
Table A-1. Revision History
Revision #
(PDF Date)
Revisions / Comments
0.0 (2/5/98)
Creation phase
0.1 (2/25/98)
Creation phase continues - added functional description.
0.2 (3/24/98)
Creation phase continues - added 233 MHz parameters.
0.3 (4/22/98)
Creation phase continues - added 266 MHz numbers.
1.0 (8/13/98)
All sections complete - added 300 MHz numbers, added Index.
2.0 (10/29/98)
Major change is new values for 352 BGA Mechanical.
3.0 (9/21/99)
Converted to National Semiconductor format and updated for addendum revision 3.0.
3.1 (4/6/00)
Formatting changes and one change from engineering. See Table A-2 for details.
Table A-2. Edits to Current Revision
Section
Revision
3.0 Processor
Programming
• Combined bits 1 and 2 of Configuration Control Register 1 in Table 3-11 on page 52.
7.0 Electricals
• All references to Recommended Operating Conditions became Operating Conditions.
• Table 7-3 on page 183 - Changed supply voltage from 3.6V to 3.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com