Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXM Datasheet(PDF) 239 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # GXM
Description  Geode??GXm Processor Integrated x86 Solution with MMX Support
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

GXM Datasheet(HTML) 239 Page - National Semiconductor (TI)

Back Button GXM Datasheet HTML 235Page - National Semiconductor (TI) GXM Datasheet HTML 236Page - National Semiconductor (TI) GXM Datasheet HTML 237Page - National Semiconductor (TI) GXM Datasheet HTML 238Page - National Semiconductor (TI) GXM Datasheet HTML 239Page - National Semiconductor (TI) GXM Datasheet HTML 240Page - National Semiconductor (TI) GXM Datasheet HTML 241Page - National Semiconductor (TI) GXM Datasheet HTML 242Page - National Semiconductor (TI) GXM Datasheet HTML 243Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 244 page
background image
Revision 3.1
239
www.national.com
Index (Continued)
FPU
Mode Control Register
89
Register Set
89
Status Register
89
Tag Word Register
89
FPU Instruction Set
224
Summary Notes
228
FPU Mode Control Register
90
Denormalized-operand error exception bit
90
Divide-by-zero exception bit
90
Invalid-operation exception bit
90
Overflow error exception bit
90
Precision Control Bits
90
Precision error exception bit
90
Rounding Control Bits
90
FPU Operations
89
FPU Registers
90
FPU Status Register
90
Condition code bit 3
90
Condition code bits
90
Copy of ES bit
90
Denormalized-operand error exception bit
90
Divide-by-zero exception bit
90
Error indicator
90
Invalid operation exception bit
90
Overflow error exception bit
90
Precision error exception bit
90
Stack Full
90
Top-of-Stack
90
Underflow error exception bit
90
FPU Tag Word Register (TAG7:0]
90
frame buffer
94
G
Gates
87
General Purpose Registers
40
Global Descriptor Table Register (GDTR)
66
Grant Lines
29
Graphics Memory (GX_BASE+800000h)
94
Graphics Pipeline
120
–128
BitBLT/vector engine
120
Color Patterns
123
Diagonal Error Register (108h-810Bh)
124
Dither Patterns
122
Error Register (8104-8107h)
124
GP_BLT_MODE
120
GP_BLT_MODE (8208h-820Bh)
124
GP_BLT_STATUS (820Ch-820Fh)
125
GP_DST/START_Y/XCOOR (8100h-8103h)
124
GP_DST_XCOOR
121
GP_DST_YCOOR
121
GP_INIT_ERROR
121
GP_PAT_COLOR_0 register
122
GP_PAT_COLOR_1 (GX_BASE+8112h)
122
GP_PAT_COLOR_A (8110h)
124
GP_PAT_COLOR_B (8114h)
124
GP_PAT_DATA (8120h-812Fh)
124
GP_RASTER_MODE (8200h-8203h)
124
GP_RASTER_MODE (GX_BASE+ 8200h)
122
GP_RASTER_MODE Bit Patterns
123
GP_SRC_COLOR (810Ch-810Fh)
124
GP_SRC_COLOR_0 (GX_BASE+810Ch)
123
GP_SRC_YCOOR
121
GP_VECTOR_MODE (8204h-8207h)
124
GP_VGA_BASE (8210h-8213h)
125
GP_VGA_LATCH (8214h-8217h)
125
GP_VGA_READ (8200h-8203h)
124
GP_VGA_WRITE (8140h-8143h)
124
Master/Slave Registers
121
Monochrome Patterns
122
Pattern Generation
121
graphics pipeline
165
, 166
Graphics Pipeline Block Diagram
120
H
HALT
25
High Order Interleaving
112
I
I/O Address Space
60
Initialization
38
Initialization, CPU
38
Initiator Ready
IRDY
27
TRDY
27
Instruction Fields
202
Instruction Set
39
eee Field Encoding
204
Index Field
207
Memory Addressing
205
mod base Field Encoding table
207
mod r/m Field Encoding
205
Opcode
203
prefix bytes
203
reg Field
206
s-i-b Byte
207
s-i-b present
207
sreg2 field
206
sreg3
206
ss Field
207
w Field Operand Size
203
instruction set
201
Instruction Set Format Table
202
Instruction Set Formats
201
Instruction Set Overview
39
Instructions
Bit Test Instructions
39
Exchange Instructions
39
One-operand Arithmetic and Logical
39
Two-operand Arithmetic and Logical
39
Instuction Prefix Summary
203
Integrated Functions
91
Integrated Functions Programming Interface
92
Interleaving
112
Internal Bus Interface
100
–102
Internal Bus Interface Unit
640KB to 1MB
100
C-Bus
100
FPU Error Support
100
Graphics
100
IRQ13
100
L1 cache
100
Processor Core
100
Region Control Field Bit Definitions
102
Registers (GX_BASE+8000h)
101
SMI Interrupts
100
VGA Access
100
X-Bus
100
Internal Bus Interface Unit Diagram
91
Internal Bus Interface Unit Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com